Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACplug-EU2 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # ACplug-EU2
Description  12W AC-DC High Reliability Interchangeable Medical Adaptor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ACplug-EU2 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  ACplug-EU2 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ACplug-EU2 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ACplug-EU2 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ACplug-EU2 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TYPE
ORDER NO.
Australian type
U.K type
European type
US type
Mix four type
AC plug-AU2
AC plug-UK2
AC plug-EU2
AC plug-US2
AC plug-MIX2
Interchangeable AC plug Specifically for GEM12 ~40
II
PUSH
PUSH
PUSH
PUSH
PUSH
PUSH
PUSH
PUSH
PUSH
PUSH
SPECIFICATION
GEM12 series
I
File Name:GEM12 -SPEC
I
2017-04-14
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
SETUP, RISE, HOLD UP TIME
VOLTAGE RANGE
Note.7
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 8)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
LIFE
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
9V
7.5V
12V
15V
18V
24V
48V
GEM12 05
I
GEM12 09
I
GEM12 07
I
GEM12 12
I
GEM12 15
I
GEM12 18
I
GEM12 24
I
GEM12 48
I
GEM12 05-
I
=P1J
USB
GEM12 09-P1J
I
GEM12 07-P1J
I
GEM12 12-P1J
I
GEM12 15-P1J
I
GEM12 18-P1J
I
GEM12 24-P1J
I
GEM12 48-P1J
I
2.4A
1.33A
1.6A
1A
0.8A
0.66A
0.5A
0.25A
0 ~ 2.4A
0 ~ 1.33A
0 ~ 1.6A
0 ~ 1A
0 ~ 0.8A
0 ~ 0.66A
0 ~ 0.5A
60mVp-p
60mVp-p
60mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
100mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
±5.0%
±4.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±4.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
80 ~ 264VAC
113 ~ 370VDC
47 ~ 63Hz
0.4A / 115VAC
0.2A / 230VAC
30A / 115VAC
60A / 230VAC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:5656VDC
TUV EN60601-1/EN60601-1-11, AAMI/ANSI ES60601-1/ES60601-1-11(3.1 version), CAN/CSA-C22 3 edition approved
rd
GEM12I05-USB without EN60601-1-11 , AAMI/ANSI ES60601-1-11
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
3 years : 100% load 40
, 12hours / day
400Khrs min. MIL-HDBK-217F(25
)
-20 ~ +70
(Refer to "Derating Curve")
20% ~ 90% RH non-condensing
-20 ~ +85
, 10 ~ 95% RH non-condensing
±℃
0.03% /
(0 ~ 40
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
73.9*39*48.5mm (L*W*H)
Standard model: 118g ; 72pcs / 9.5kg / CARTON for cable connection; Optional model 100g ; 110pcs / 12kg / CARTON for USB connection
CONNECTOR
PLUG
CABLE
12W
12W
12W
12W
12W
12W
12W
12W
0 ~ 0.25A
1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 10% to 100% rated load.
7.Derating may be needed under low input voltage. Please check the derating curve for more details.
8.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
OVERLOAD
OVER VOLTAGE
110 ~ 200% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
110 ~ 140% rated output voltage
Protection type : Clamp by zener diode, output short
Compliance to EN55011 class B, EN61000-3-2,3, FCC PART 15 / CISPR22 class B
Compliance to EN61000-4,-2,3,4,5,6,8,11, light industry level, criteria A
500ms, 30ms, 16ms/230VAC
500ms, 30ms, 16ms/115VAC at full load
80%
82%
82%
82.5%
84%
85%
85%
87%
EMC EMISSION
EMC IMMUNITY
See page 3
See page 3
12W AC-DC High Reliability Interchangeable Medical Adaptor
Touch current <
0 A/264VAC
10
μ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com