Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACplug-EU2 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ACplug-EU2
Description  12W AC-DC High Reliability Interchangeable Medical Adaptor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ACplug-EU2 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ACplug-EU2 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ACplug-EU2 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ACplug-EU2 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ACplug-EU2 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GEM12 series
I
■ Features
■ Model Encoding
-
I 05
GEM
P1J
12
Interchangeable AC plug
Output voltage
DC plug type
C+ tuning fork type
P1J: Plug for standard model, 2.1
5 5
11mm,
ψ×
ψ×
.
USB: USB(type A) for 5V model only
Optional plug type available per request
■ Description
Interchangeable AC plugs (plug kit sold sperately)
Medical safety approved (2 x MOPP) accroding to
AAMI/ANSI ES60601-1/ES60601-1-11,EN60601-1/EN60601-1-11
and IEC60601-1
Suitable for BF application with appropriate system consideration
Low leakage current <100 A
No load power consumption< 0.075W
(<0.1W for 18V/48V)
Energy efficiency Level Ⅵ
Comply with EISA 2007/DoE and EU ErP
Class
power (without earth pin)
Ⅱ
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
Optional lock type DC plug
3 years warranty
GEM12 is a highly reliable, 12W wall-mounted style single-output green medical adaptor series, which
I
is compact and convenient for carry. This product is equipped with an interchangeable AC plug (4 types,
including European type, USA type, U.K. type and Australian type) that makes it very suitable for businessmen
to use in the major countries around the globe. GEM12 is a class
power unit (without FG), accepting
I
Ⅱ
the input range from 80VAC to 264VAC that it can satisfy the demands for various types of medical electrical
devices. The circuitry design meets the international medical standards (2*MOPP), having an ultra low
leakage current (<100 A), fitting the medical devices in direct electrical contact with the patients.
With the working efficiency up to 87% and the extremely low no-load power consumption below 0.075W,
GEM12 is compliant with the latest USA energy regulation EISA 2007/DoE(Level ) and EU ErP. The
I
Ⅵ
supreme feature allows the adaptor to save the energy when it is under either the operating mode or the
standby mode. The entire series is approved for international safety regulations; moreover, it adopts the
94V-0 flame retardant plastic case that it can effectively prevent users from electric hazard.
12W AC-DC High Reliability Interchangeable Medical Adaptor
{
EN 60601-1
IEC 60601-1
8
μ
Blood glucose meter
Blood pressure meter
Nebulizer
Inhaler
Portable medical device
Sleep apnea devices
■ Applications
(Optional)
(Standard)
+
+
IP21
File Name:GEM12 -SPEC 2017-04-14
I
Series name
Output wattage
μ
AAMI/ANSI ES60601-1
ES60601-1-11
EN60601-1
EN60601-1-11


Similar Part No. - ACplug-EU2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL AVAGO-ACPL Datasheet
233Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-021L AVAGO-ACPL-021L Datasheet
123Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-021L-000E AVAGO-ACPL-021L-000E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
More results

Similar Description - ACplug-EU2

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GEM18I MEANWELL-GEM18I Datasheet
126Kb / 3P
18W AC-DC High Reliability Interchangeable Medical Adaptor
GSM25E MEANWELL-GSM25E Datasheet
93Kb / 3P
25W AC-DC High Reliability Medical Adaptor
GSM160B MEANWELL-GSM160B Datasheet
556Kb / 3P
160W AC-DC High Reliability Medical Adaptor
GSM220B MEANWELL-GSM220B Datasheet
578Kb / 3P
220W AC-DC High Reliability Medical Adaptor
SGA12E MEANWELL-SGA12E Datasheet
103Kb / 3P
12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12U MEANWELL-SGA12U Datasheet
94Kb / 3P
12W AC-DC High Reliability Slim Wall-mounted Adaptor
GEM40I MEANWELL-GEM40I Datasheet
523Kb / 5P
40W AC-DC Reliable Green Interchangeable Medical Adaptor
GSM12E MEANWELL-GSM12E Datasheet
497Kb / 5P
12W AC-DC Reliable Green Medical Adaptor
GSM12U MEANWELL-GSM12U Datasheet
488Kb / 5P
12W AC-DC Reliable Green Medical Adaptor
logo
MORNSUN Science& Techno...
MU01205HA MORNSUN-MU01205HA Datasheet
421Kb / 5P
12W AC/DC interchangeable Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com