Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL
Download  ACPL Download
File Size   233.58 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR Intelligent Power Module and Gate Drive Interface Optocoupler

ACPL Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL
Download  ACPL Click to download

File Size   233.58 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR Intelligent Power Module and Gate Drive Interface Optocoupler

ACPL Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL Product details

Description

The ACPL-4800 fast speed optocoupler contains a GaAsP LED  and  photo  detector  with  built-in  Schmitt  trigger  to provide logic-compatible waveforms, eliminating the need for additional wave shaping. The totem pole output eliminates the need for a pull up resistor and allows for direct drive Intelligent Power Module or gate drive.



Features

•  Performance  Specified  for  Fast  IPM  Applications  over Industrial Temperature Range: -40°C to 100°C

•  Wide Operating VCCRange: 4.5 to 20 Volts

•  Typical Propagation Delays 150 ns

•  Maximum Pulse Width Distortion

   PWD = 250 ns

•  Propagation Delay Difference 

   Min. –100 ns, Max. 250 ns

•  30 kV/µs Minimum Common Mode Transient Immunity at VCM= 1000 V

•  Hysteresis

•  Totem Pole Output (No Pull-up Resistor Required)

•  Safety Approval:

   UL 1577, 3750 Vrms/ 1 minute

   CSA File CA88324, Notice #5

   IEC/EN/DIN EN 60747-5-2, VIORM= 630 Vpeak



Applications

•  IPM Interface Isolation

•  Isolated IGBT/MOSFET Gate Drive

•  AC and Brushless DC Servo Motor Drives

•  Low Power Inverters

•  General Digital Isolation




Similar Part No. - ACPL

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-021L AVAGO-ACPL-021L Datasheet
123Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-021L-000E AVAGO-ACPL-021L-000E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-021L-060E AVAGO-ACPL-021L-060E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
More results


Similar Description - ACPL

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800 AVAGO-ACPL-4800 Datasheet
294Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-W484-000E AVAGO-ACPL-W484-000E Datasheet
237Kb / 12P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480-500E AVAGO-ACPL-P480-500E Datasheet
403Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Broadcom Corporation.
ACPL-M483 BOARDCOM-ACPL-M483 Datasheet
676Kb / 13P
Inverted Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-M484 BOARDCOM-ACPL-M484 Datasheet
787Kb / 13P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P456 BOARDCOM-ACPL-P456 Datasheet
464Kb / 14P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480 BOARDCOM-ACPL-P480 Datasheet
641Kb / 11P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACNU-4803 BOARDCOM-ACNU-4803 Datasheet
1Mb / 11P
Inverted Logic High CMR Intelligent Power Module (IPM) and Gate Drive Interface Optocoupler
logo
CT Micro International ...
CTS480 CTMICRO-CTS480 Datasheet
1Mb / 15P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Rev.3 Nov, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com