Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
GND
V CC
V O
NC
SHIELD
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
V O
HIGH
LOW
Description
The ACPL-4800 fast speed optocoupler contains a GaAsP
LED and photo detector with built-in Schmitt trigger to
provide logic-compatible waveforms, eliminating the need
for additional wave shaping. The totem pole output elimi-
nates the need for a pull up resistor and allows for direct
drive Intelligent Power Module or gate drive.
Functional Diagram
Features
• Performance Specified for Fast IPM Applications over
Industrial Temperature Range: -40°C to 100°C
• Wide Operating VCC Range: 4.5 to 20 Volts
• Typical Propagation Delays 150 ns
• Maximum Pulse Width Distortion
PWD = 250 ns
• Propagation Delay Difference
Min. –100 ns, Max. 250 ns
• 30 kV/µs Minimum Common Mode Transient Immunity
at VCM = 1000 V
• Hysteresis
• Totem Pole Output (No Pull-up Resistor Required)
• Safety Approval:
UL 1577, 3750 Vrms / 1 minute
CSA File CA88324, Notice #5
IEC/EN/DIN EN 60747-5-2, VIORM = 630 Vpeak
Applications
• IPM Interface Isolation
• Isolated IGBT/MOSFET Gate Drive
• AC and Brushless DC Servo Motor Drives
• Low Power Inverters
• General Digital Isolation
Note: The connection of a 0.1 µF
bypass capacitor between pins 5
& 8 is recommended.
ACPL-4800
High CMR Intelligent Power Module and
Gate Drive Interface Optocoupler
Data Sheet
Schematic
IF
SHIELD
V F
V CC
V O
GND
ICC
IO
+
-
2
3
8
5
6
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and /or degradation which may be induced by ESD.


Similar Part No. - ACPL

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-021L AVAGO-ACPL-021L Datasheet
123Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-021L-000E AVAGO-ACPL-021L-000E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-021L-060E AVAGO-ACPL-021L-060E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
More results

Similar Description - ACPL

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800 AVAGO-ACPL-4800 Datasheet
294Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-W484-000E AVAGO-ACPL-W484-000E Datasheet
237Kb / 12P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480-500E AVAGO-ACPL-P480-500E Datasheet
403Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Broadcom Corporation.
ACPL-M483 BOARDCOM-ACPL-M483 Datasheet
676Kb / 13P
Inverted Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-M484 BOARDCOM-ACPL-M484 Datasheet
787Kb / 13P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P456 BOARDCOM-ACPL-P456 Datasheet
464Kb / 14P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480 BOARDCOM-ACPL-P480 Datasheet
641Kb / 11P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACNU-4803 BOARDCOM-ACNU-4803 Datasheet
1Mb / 11P
Inverted Logic High CMR Intelligent Power Module (IPM) and Gate Drive Interface Optocoupler
logo
CT Micro International ...
CTS480 CTMICRO-CTS480 Datasheet
1Mb / 15P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Rev.3 Nov, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com