Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics (Option 060)
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 300 Vrms
I-IV
for rated mains voltage ≤ 450 Vrms
I-III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
630
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875=VPR,100% Production Test with tm=1 sec, Partial discharge < 5 pC
VPR
1181
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.5=VPR, Type and Sample Test, tm=60 sec, Partial discharge < 5 pC
VPR
945
Vpeak
Highest Allowable Over-voltage(Transient Over-voltage tini = 10 sec)
VIOTM
6000
Vpeak
Safety-limiting values - maximum values allowed in the event of a failure.
Case Temperature
TS
175
°C
Input Current
IS, INPUT 230
mA
Output Power (refer to Thermal Derating Curve)
PS, OUT-
PUT
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
W
* Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/EN/DIN
EN 60747-5-2) for a detailed description of Method a and Method b partial discharge test profiles.
Note:
Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.
Insulation and Safety Related Specifications
Parameter
Symbol
8-Pin DIP
Unit
Conditions
Minimum External Air
Gap(External Clearance)
L(101)
7.1
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External Track-
ing (External Creepage)
L(102)
7.4
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal Plastic
Gap (Internal Clearance)
0.08
Through insulation distance, conductor to conductor,
usually the direct distance between the photo emitter
and photo detector inside the optocoupler cavity.
Minimum Internal Tracking
(Internal Creepage)
NA
mm
Measured from input terminals to output terminals,
along internal cavity.
Tracking Resistance
(Comparative Tracking
Index)
CTI
200
mm
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Option 300 - surface mount classification is Class A in accordance with CECC 00802.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com