Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Figure 6. Typical Propagation Delays vs.Temperature.
Figure 7. Typical Logic High Output Voltage vs. Supply Voltage
Figure 8. Typical Propogation Delay vs. Supply Voltage
50
70
90
110
130
150
170
190
210
230
-60
-40
-20
0
20
40
60
80
100
120
TA - TEMPERATURE - C
tPLH
VCC = 20V
IF = 10mA
tPHL
0
5
10
15
20
25
0
5
10
15
20
25
VCC - SUPPLY VOLTAGE - V
TA = 25oC
IO = -2.6mA
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
VCC - SUPPLY VOLTAGE - V
tPHL
IF (mA)
10
6
tPLH
IF (mA)
6
10
TA = 25
oC
VCM (PEAK)
OUTPUT VO
0 V
VOH
|VCM|
VOL
VO (MAX.)
VO (MIN.)
SWITCH AT A: IF = 5 mA
SWITCH AT B: VF = 0 V
7
1
4
5
6
8
0.1 µF
BYPASS
OUTPUT VO
MONITORING
NODE
VCC
RIN
2
3
VFF
A
B
-
+
V CM
PULSE GENERATOR
-
+
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies Limited. All rights reserved.
AV01-0193EN - June 13, 2007
Figure 9. Test Circuit for Common Mode Transient Immunity and Typical Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com