Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Electrical Specification
-40°C ≤ TA ≤ 100°C, 4.5V ≤ VCC ≤ 20V, 6mA ≤ IF(ON) ≤ 10 mA, 0V ≤ VF(OFF) ≤ 0.8 V, unless otherwise specified.
All Typicals at TA = 25°C.
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Logic Low
Output Voltage
VOL
0.5
V
IOL = 6.4 mA
1, 3
Logic High
Output Voltage
VOH
2.4
VCC - 1.1V
V
IOH = -2.6 mA
2, 3,
7
2.7
IOH = -0.4 mA
Output Leakage
Current(VOUT =
VCC+0.5V)
IOHH
100
µA
Vcc = 5 V
IF = 10mA
500
Vcc = 20 V
Logic Low
Supply Current
ICCL
1.9
3.0
mA
Vcc = 5.5 V
VF = 0 V
IO = Open
2.0
3.0
Vcc = 20 V
Logic High
Supply Current
ICCH
1.5
2.5
mA
Vcc = 5.5 V
IF = 10 mA
IO = Open
1.6
2.5
Vcc = 20 V
Logic Low Short Circuit
Output Current
IOSL
25
mA
VO = Vcc = 5.5 V
VF=0V
2
50
VO = Vcc = 20 V
Logic High Short
Circuit Output Current
IOSH
-25
mA
VCC = 5.5 V
IF=6mA
VO=GND
2
-50
VCC = 20 V
Input Forward Voltage
VF
1.5
1.7
V
TA = 25 C
IF=6mA
4
1.85
Input Reverse
Breakdown Voltage
BVR
5
V
IR = 10 µA
Input Diode
Temperature Coefficient
DVF
DTA
-1.7
mV/
°C
IF = 6 mA
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0 V
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com