Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Switching Specifications (AC)
-40°C ≤ TA ≤ 100°C, 4.5V ≤ VCC ≤ 20V, 6mA ≤ IF(ON) ≤ 10 mA, 0V ≤ VF(OFF) ≤ 0.8V.
All Typicals at TA = 25°C, IF(ON) = 6 mA unless otherwise specified.
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time
to Logic Low Output
Leve
tPHL
150
350
ns
With Peaking Capacitor
5,6
5
Propagation Delay Time
to Logic High Output
Level
tPLH
110
350
ns
With Peaking Capacitor
5,6
5
Pulse Width Distortion
PWD
250
ns
| tPHL - tPLH |
8
Propagation Delay Dif-
ference Between Any 2
Parts
PDD
-100
250
ns
10
Output Rise Time (10-
90%)
tr
16
ns
5,8
Output Fall Time (90-
10%)
tf
20
ns
5,8
Logic High Common
Mode Transient Immu-
nity
|CMH|
-30000
V/µs
|VCM| = 1000 V, IF = 6.0 mA,
VCC = 5 V, TA = 25 C
9
6
Logic Low Common
Mode Transient Immu-
nity
|CML|
30000
V/µs
|VCM| = 1000 V, VF = 0 V, VCC
= 5 V, TA = 25 C
9
6
Package Characteristics
* The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage
rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your equipment level
safety specification or Avago Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage,” publication number 5963-2203E.
Notes:
1. Derate total package power dissipation, PT, linearly above 70°C free-air temperature at a rate of 4.5 mW/°C.
2. Duration of output short circuit time should not exceed 10 ms.
3. Input capacitance is measured between pin 2 and pin 3.
4. Device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together and pins 5, 6, 7, and 8 shorted together.
5. The tPLH propagation delay is measured from the 50% point on the leading edge of the input pulse to the 1.3 V point on the leading edge of the
output pulse. The tPHL propagation delay is measured from the 50% point on the trailing edge of the input pulse to the 1.3 V point on the trailing
edge of the output pulse.
6. CMH is the maximum slew rate of the common mode voltage that can be sustained with the output voltage in the logic high state, VO > 2.0 V. CML
is the maximum slew rate of the common mode voltage that can be sustained with the output voltage in the logic low state, VO < 0.8 V.
7. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 4500 V rms for one second (leakage detec-
tion current limit, II-O ≤ 5 µA). This test is performed before the 100% production test for partial discharge (Method b) shown in the IEC/EN/DIN EN
60747-5-2 Insulation Characteristics Table, if applicable.
8. Pulse Width Distortion (PWD) is defined as |tPHL - tPLH | for any given device.
9. Use of a 0.1 µF bypass capacitor connected between pins 5 and 8 is recommended.
10. The difference between tPLH and tPHL between any two devices under the same test condition.
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
Withstand Voltage*
VISO
3750
Vrms
RH < 50%, t = 1 min.TA
= 25°C
4,7
Input-Output Resistance
RI-O
1012
W
VI-O = 500 Vdc
4
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz, VI-O = 0 Vdc
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com