Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Absolute Maximum Rating
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
100
°C
Average Forward Input Current
IF(AVG)
10
mA
Peak Transient Input Current
IF(TRAN)
( ≤ 1 µs Pulse Width, 300 pps)
1.0
A
( ≤ 200 µs Pulse Width, < 1% Duty Cycle)
40
mA
Reverse Input Voltage
VR
5
V
Average Output Current
IO
25
mA
Supply Voltage
VCC
0
25
V
Output Voltage
VO
-0.5
25
V
Total Package Power Dissipation
PT
210
mW
1
Lead Solder Temperature (Through Hole Parts Only)
260 °C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile (Surface Mount Parts Only)
See Package Outline Drawings section
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC
4.5
20
V
Forward Input Current (ON)
IF(ON)
6
10
mA
Forward Input Voltage (OFF)
VF(OFF)
-
0.8
V
Operating Temperature
TA
-40
100
C
0
0
TA - CASE TEMPERATURE - oC
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
175
P S (mW)
IS (mA)
Recommended Operating Conditions
Thermal Derating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com