Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2012 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # FS2012
Description  High Performance Flow Sensor Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

FS2012 Datasheet(HTML) 3 Page - Integrated Device Technology

  FS2012 Datasheet HTML 1Page - Integrated Device Technology FS2012 Datasheet HTML 2Page - Integrated Device Technology FS2012 Datasheet HTML 3Page - Integrated Device Technology FS2012 Datasheet HTML 4Page - Integrated Device Technology FS2012 Datasheet HTML 5Page - Integrated Device Technology FS2012 Datasheet HTML 6Page - Integrated Device Technology FS2012 Datasheet HTML 7Page - Integrated Device Technology FS2012 Datasheet HTML 8Page - Integrated Device Technology FS2012 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FS2012 Series Datasheet
© 2017 Integrated Device Technology, Inc.
3
July 19, 2017
1. Pin Assignments
Figure 1. Pin Assignments for Module – Top View
Pin 1 2 3 4 5 6
2. Pin Descriptions
Table 1.
Pin Descriptions
Pin Number
Pad Name
Type
Description
1
VIN
Input
Supply voltage
2
SDA
Input/Output
Serial data
3
SCL
Input
Serial clock
4
GND
Ground
Ground
5
MOSI
Do not connect
6
VOUT
Output
Analog output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com