Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2012 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # FS2012
Description  High Performance Flow Sensor Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

FS2012 Datasheet(HTML) 4 Page - Integrated Device Technology

  FS2012 Datasheet HTML 1Page - Integrated Device Technology FS2012 Datasheet HTML 2Page - Integrated Device Technology FS2012 Datasheet HTML 3Page - Integrated Device Technology FS2012 Datasheet HTML 4Page - Integrated Device Technology FS2012 Datasheet HTML 5Page - Integrated Device Technology FS2012 Datasheet HTML 6Page - Integrated Device Technology FS2012 Datasheet HTML 7Page - Integrated Device Technology FS2012 Datasheet HTML 8Page - Integrated Device Technology FS2012 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FS2012 Series Datasheet
© 2017 Integrated Device Technology, Inc.
4
July 19, 2017
3. Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the device.
Functional operation of the FS2012 at absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Table 2.
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Minimum
Maximum
Units
VIN
Supply Voltage
-0.3
5.5
V
TSTOR
Storage Temperature
-50
130
°C
4. Operating Conditions
Table 3.
Operating Conditions
Symbol
Parameter
Minimum
Typical
Maximum
Units
VIN
Supply Voltage
4.75
5.0
5.25
V
TAMB
Ambient Operating Temperature
0
–
85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com