Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2012 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # FS2012
Description  High Performance Flow Sensor Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

FS2012 Datasheet(HTML) 6 Page - Integrated Device Technology

  FS2012 Datasheet HTML 1Page - Integrated Device Technology FS2012 Datasheet HTML 2Page - Integrated Device Technology FS2012 Datasheet HTML 3Page - Integrated Device Technology FS2012 Datasheet HTML 4Page - Integrated Device Technology FS2012 Datasheet HTML 5Page - Integrated Device Technology FS2012 Datasheet HTML 6Page - Integrated Device Technology FS2012 Datasheet HTML 7Page - Integrated Device Technology FS2012 Datasheet HTML 8Page - Integrated Device Technology FS2012 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FS2012 Series Datasheet
© 2017 Integrated Device Technology, Inc.
6
July 19, 2017
6. Functional Description
The FS2012 digital flow sensor accurately measures the mass flow rate of a liquid or gaseous medium across the sensor using the calorimetric
principle.
The MEMS flow sensor comprises a resistive heater and two clusters of thermocouples (thermopiles), each positioned symmetrically upstream
and downstream of the heater. The thermopile output changes according to the rate of flow, and it is proportional to the amount of heat sensed
from the heater.
7. I2C Sensor Interface
The FS2012 operates as a slave device via the digital I2C compatible communication protocol bus with support for 100kHz and 400kHz bit rates.
To accommodate multiple devices, the protocol uses two bi-directional open-drain lines: a Serial Data Line (SDA) and a Serial Clock Line (SCL).
Pull-up resistors to VDD are required. Several slave devices can share the bus, and multiple master devices on the same bus are supported. If
two or more masters attempt to initiate a data transfer simultaneously, an arbitration scheme is employed with a single master always winning
the arbitration. Note that it is not necessary to specify one device as the master in a system; any device that transmits a START bit and a slave
address becomes the master for the duration of that transfer.
7.1
Sensor Slave Address
The FS2012 default I2C address is 07HEX. The device will respond only to this address.
7.2
Data Read
The FS2012 is programmed to continuously output data to the I2C bus.
Number of bytes to read out: 2
First returned byte: MSB
Second returned byte: LSB
8. Calculating Flow Sensor Output
The entire output of the FS2012 is 2 bytes. The flow rate for gas and liquid parts is calculated as follows:
Output Data
Number of bytes to read out: 2
First returned byte: MSB
Second returned byte: LSB
Gas Part Configurations (-NG ending for part code number)
Conversion to SLPM
Flow in SLPM = [(MSB << 8) + LSB] / 1000
Liquid Part Configurations (-LQ ending for part code number)
Conversion to SCCM
Flow in SCCM = [(MSB << 8) + LSB] / 10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com