Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6240B Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST6240B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6240B Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST6240B Datasheet HTML 61Page - STMicroelectronics ST6240B Datasheet HTML 62Page - STMicroelectronics ST6240B Datasheet HTML 63Page - STMicroelectronics ST6240B Datasheet HTML 64Page - STMicroelectronics ST6240B Datasheet HTML 65Page - STMicroelectronics ST6240B Datasheet HTML 66Page - STMicroelectronics ST6240B Datasheet HTML 67Page - STMicroelectronics ST6240B Datasheet HTML 68Page - STMicroelectronics ST6240B Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
65/76
ST62T40B/E40B
6.6 TIMER CHARACTERISTICS
(TA = -40 to +85°C unless otherwise specified)
Note*: When available.
6.7 SPI CHARACTERISTICS
(TA = -40 to +85°C unless otherwise specified)
6.8 LCD ELECTRICAL CHARACTERISTICS
(TA = -40 to +85°C unless otherwise specified)
Notes:
1. The DC offset refers to all segment and common outputs. It is the difference between the measured voltage value and nominal value for
every voltage level.
2. An external resistor network is required when VLCD is lower then 4.5V.
6.9 PSS ELECTRICAL CHARACTERISTICS (When available)
(TA = -40 to +85°C unless otherwise specified
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
fIN
Input Frequency on TIMER Pin*
MHz
tW
Pulse Width at TIMER Pin*
VDD = 3.0V
VDD >4.5V
1
125
µs
ns
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
FCL
Clock Frequency
Applied on Scl
1
MHz
tSU
Set-up Time
Applied on Sin
50
ns
th
Hold Time
Applied onSin
100
ns
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
Vos
DC Offset Voltage
VLCD = Vdd, no load
50
mV
VOH
COM High Level, Output Voltage
SEG High Level, Output Voltage
I=100µA, VLCD=5V
I=50µA, VLCD=5V
4.5
V
VOL
COM Low Level, Output Voltage
SEG Low Level, Output Voltage
I=100µA, VLCD=5V
I=50µA, VLCD=5V
0.5
VLCD
Display Voltage
See Note 2
VDD -0.2
10
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VPSS
PSS pin Input Voltage
Vss
VDD
V
IPSS
PSS pin Input Current
VPSS=5.0V, TA= 25°C
PSS Running
PSS Stopped
350
1
µA
637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com