Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6240B Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST6240B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6240B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST6240B Datasheet HTML 2Page - STMicroelectronics ST6240B Datasheet HTML 3Page - STMicroelectronics ST6240B Datasheet HTML 4Page - STMicroelectronics ST6240B Datasheet HTML 5Page - STMicroelectronics ST6240B Datasheet HTML 6Page - STMicroelectronics ST6240B Datasheet HTML 7Page - STMicroelectronics ST6240B Datasheet HTML 8Page - STMicroelectronics ST6240B Datasheet HTML 9Page - STMicroelectronics ST6240B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
6/76
ST62T40B/E40B
INTRODUCTION (Cont’d)
OTP and EPROM devices are functionally identi-
cal. The ROM based versions offer the same func-
tionality selecting as ROM options the options de-
fined in the programmable option byte of the
OTP/EPROM versions.OTP devices offer all the
advantages of user programmability at low cost,
which make them the ideal choice in a wide range
of applications where frequent code changes, mul-
tiple code versions or last minute programmability
are required.
These compact low-cost devices feature two Tim-
ers comprising an 8-bit counter and a 7-bit pro-
grammable prescaler, EEPROM data capability, a
serial synchronous port interface (SPI), an 8-bit
A/D Converter with 12 analog inputs, a Digital
Watchdog timer, and a complete LCD controller
driver, making them well suited for a wide range of
automotive, appliance and industrial applications.
Figure 2. 80 Pin QFP Package
Table 1. ST6240 Pin Description
*Note: 20mA Sink
41
25
24
65
80
1
2
3
64
40
VR01649A
Pin
number
Pin
name
Pin
number
Pin
name
Pin
number
Pin
name
Pin
number
Pin
name
1
S43
25
RESET
41
PSS
65
S27
2
S44
26
OSCout
42
S4
66
S28
3
S45
27
OSCin
43
S5
67
S29
4
S46
28
WDON
44
S6
68
S30
5
S47
29
NMI
45
S7
69
S31
6
S48
30
TIMER
46
S8
70
S32
7
COM4
31
PB7/ Sout *
47
S9
71
PC0/S33
8
COM3
32
PB6/ Sin*
48
S10
72
PC1/S34
9
COM2
33
PB5/ SCL *
49
S11
73
PC2/S35
10
COM1
34
PB4 *
50
S12
74
PC3/S36
11
VLCD1/ 3
35
PB3/ Ain
51
S13
75
PC4/S37
12
VLCD2/ 3
36
PB2/ Ain
52
S14
76
PC5/S38
13
VLCD
37
PB1/ Ain
53
S15
77
PC6/S39
14
PA7/ Ain
38
PB0/ Ain
54
S16
78
PC7/S40
15
PA6/ Ain
39
OSC32out
55
S17
79
S41
16
PA5/ Ain
40
OSC32in
56
S18
80
S42
17
PA4/ Ain
57
S19
18
TEST
58
S20
19
PA3/ Ain
59
S21
20
PA2/ Ain
60
S22
21
PA1/ Ain
61
S23
22
PA0/ Ain
62
S24
23
VDD
63
S25
24
VSS
64
S26
578



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com