Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6240B Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST6240B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6240B Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST6240B Datasheet HTML 62Page - STMicroelectronics ST6240B Datasheet HTML 63Page - STMicroelectronics ST6240B Datasheet HTML 64Page - STMicroelectronics ST6240B Datasheet HTML 65Page - STMicroelectronics ST6240B Datasheet HTML 66Page - STMicroelectronics ST6240B Datasheet HTML 67Page - STMicroelectronics ST6240B Datasheet HTML 68Page - STMicroelectronics ST6240B Datasheet HTML 69Page - STMicroelectronics ST6240B Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
66/76
ST62T40B/E40B
7 GENERAL INFORMATION
7.1 PACKAGE MECHANICAL DATA
Figure 35. 80-Pin Plastic Quad Flat Package
Figure 36. 80-Pin Ceramic Quad Flat Package
PQFP080
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.40
0.134
A1
0.25
0.010
A2
2.55
2.80
3.05 0.100 0.110 0.120
B
0.30
0.45 0.012
0.018
C
0.13
0.23 0.005
0.009
D
22.95 23.20 23.45 0.904 0.913 0.923
D1
19.90 20.00 20.10 0.783 0.787 0.791
D3
18.40
0.724
E
16.95 17.20 17.45 0.667 0.677 0.687
E1
13.90 14.00 14.10 0.547 0.551 0.555
E3
12.00
0.472
e
0.80
0.031
K
0°
7°
L
0.65
0.80
0.95 0.026 0.031 0.037
L1
1.60
0.063
Number of Pins
N
80
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.24
0.128
A1
0.20
0.008
B
0.30
0.35
0.45 0.012 0.014 0.018
C
0.13
0.15
0.23 0.005 0.006 0.009
D
23.35 23.90 24.45 0.919 0.941 0.963
D1
19.57 20.00 20.43 0.770 0.787 0.804
D3
18.40
0.724
E
17.35 17.90 18.45 0.683 0.705 0.726
E1
13.61 14.00 14.39 0.536 0.551 0.567
E3
12.00
0.472
e
0.80
0.031
G
13.75 14.00 14.25 0.541 0.551 0.561
G1
19.75 20.00 20.25 0.778 0.787 0.797
G2
1.17
0.046
L
0.35
0.80
0.014 0.031
Ø
8.89
0.350
Number of Pins
N80
CQFP080W
638



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com