Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL29W Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL29W
Description  High Linearity LNA MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL29W Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL29W Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL29W
5 ~ 3000 MHz High Linearity LNA MMIC
R3
(ohm)
R2
(ohm)
Vd
(V)
Ic
(mA)
CDMA
WCDMA
R3
(ohm)
R2
(ohm)
Vd
(V)
Ic
(mA)
CDMA
WCDMA
NF
(dB)
OIP3
(dBm)
NF
(dB)
OIP3
(dBm)
NF
(dB)
OIP3
(dBm)
NF
(dB)
OIP3
(dBm)
9.1
5.1k
4.32
72
0.99
37.2
0.94
40.1
20
6.2k
3.67
66
0.90
36.3
0.93
39.3
4.7k
4.41
60
0.91
36.8
1.01
38.4
5.6k
3.81
58
0.91
35.6
0.92
37.9
4.3k
4.49
50
0.93
36.1
0.95
36.0
5.1k
3.93
50
0.89
34.6
0.95
35.9
3.9k
4.61
42
0.94
32.8
0.98
31.7
4.7k
4.11
43
0.94
32.7
0.97
33.9
3.6k
4.7
28
1.01
29.1
1.02
29.9
4.3k
4.22
35
0.95
30.8
0.94
31.6
11
5.1k
4.22
70
0.91
37.1
0.92
39.5
3.9k
4.4
27
0.97
27.4
1.01
29.2
4.7k
4.34
56
0.92
36.5
0.99
37.3
3.6k
4.49
22
1.01
25.4
1.07
28.5
4.3k
4.46
45
0.91
34.5
1.01
34.9
3.9k
4.58
34
0.94
31.1
0.99
31.2
3.6k
4.65
27
0.96
28.1
1.03
29.4
15
5.6k
3.92
69
0.91
36.9
0.93
39.5
5.1k
4.1
58
0.91
36.1
0.95
38.0
4.7k
4.22
50
0.93
34.8
0.95
35.9
4.3k
4.32
41
0.94
33.2
0.97
33.5
3.9k
4.48
31
1.01
29.2
0.99
30.2
3.6k
4.57
25
1.02
26.7
1.07
28.9
* Test Application Circuit : ASL29W CDMA / WCDMA application circuit
* OIP3 Test Condition : Freq. – 894 MHz / – 2140 MHz, +10 dBm output power per tone
* VD : Applied voltage to the device
OIP3 & Noise Figure Vs. Bias Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com