Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL29W Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASL29W
Description  High Linearity LNA MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL29W Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASL29W Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 12Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL29W
5 ~ 3000 MHz High Linearity LNA MMIC
1) OIP3 is measured with two tones at an output power of +10 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
LTE
2300 ~ 2700 MHz
+5 V
2000
2200
2400
2600
2800
3000
0
5
10
15
20
Frequency (MHz)
2000
2200
2400
2600
2800
3000
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
2000
2200
2400
2600
2800
3000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
L2=39 nH
C3=100 pF
RF OUT
C1=100 pF
RF IN
C4=100 pF
C5=10 nF
Vcc=5 V
R1= 43 k
R2= 5.1
k
L1=10 nH
ASL29W
C2=1 pF
R3=9.1
2.5 mm
Frequency (MHz)
2300
2500
2700
Magnitude S21 (dB)
11.5
11.0
10.2
Magnitude S11 (dB)
-15
-18
-18
Magnitude S22 (dB)
-18
-14
-12
Output P1dB (dBm)
23
23
23
Output IP31) (dBm)
40
40
40
Noise Figure (dB)
1.05
1.10
1.15
Device Voltage (V)
+4.3
+4.3
+4.3
Current (mA)
75
75
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com