Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL29W Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL29W
Description  High Linearity LNA MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL29W Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL29W Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL29W Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL29W
5 ~ 3000 MHz High Linearity LNA MMIC
(Supply Voltage = 5V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
900
2000
2700
Gain
dB
19.0
12.5
10.2
S11
dB
-15
-14
-18
S22
dB
-18
-18
-12
Output IP31)
dBm
37.0
39.5
40.0
Noise Figure
dB
0.90
0.90
1.15
Output P1dB
dBm
22
22
23
Current
mA
75
75
75
Device Voltage
V
+4.3
+4.3
+4.3
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
900
Gain
dB
18
19
S11
dB
-15
S22
dB
-18
Output IP3
dBm
36
37
Noise Figure
dB
0.9
1.1
Output P1dB
dBm
21
22
Current
mA
60
75
90
Device Voltage
V
+4.3
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50ohm matched)*
23 dBm
Thermal Resistance
80
C/W
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Absolute Maximum Ratings
 12.5 dB Gain at 2 GHz
 22 dBm P1dB at 2 GHz
 39.5 dBm Output IP3 at 2 GHz
 0.9 dB NF at 2 GHz
 MTTF > 100 Years
 Single Supply
The ASL29W, a wideband linear low noise amplifier
MMIC, has a low noise and high linearity at low bias
current, being suitable for use in both receiver and
transmitter of telecommunication systems up to 3 GHz.
S11 down to
–15 dB is easily achieved for low noise
application to provide a good productivity. The amplifi-
er is available in a SOT89 package and passes
through the stringent DC, RF, and reliability tests.
Application Circuit
 IF
 LTE
 CDMA
 GSM
 PCS
 WCDMA
 2300 ~ 2700 MHz
Product Specifications
Typical Performance
ASL29W
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias


Similar Part No. - ASL29W

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL29W ASB-ASL29W Datasheet
834Kb / 11P
5-3000 MHz High Linearity LNA MMIC
February 2010
ASL29W ASB-ASL29W_13 Datasheet
727Kb / 11P
5 ~ 3000 MHz High Linearity LNA MMIC
February 2010
More results

Similar Description - ASL29W

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19W ASB-ASL19W Datasheet
588Kb / 19P
DC-3000 MHz High Linearity LNA MMIC
February 2009
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
ASL09C ASB-ASL09C_17 Datasheet
861Kb / 10P
High Linearity LNA MMIC
April 2017
ASL19C ASB-ASL19C_17 Datasheet
882Kb / 10P
High Linearity LNA MMIC
April 2017
ASL41S9 ASB-ASL41S9_17 Datasheet
510Kb / 11P
High Linearity LNA MMIC
January 2017
ASL210 ASB-ASL210_17 Datasheet
460Kb / 10P
High Linearity LNA MMIC
April 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com