Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL30G Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASL30G
Description  DC MMIC LNA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL30G Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASL30G Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 14Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10/22
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASL30G
DC ~ 6000 MHz MMIC LNA
-60
-40
-20
0
20
40
60
80
100
6
8
10
12
14
16
Temperature (
o
C)
Frequency = 1575 MHz
-60
-40
-20
0
20
40
60
80
100
15
18
21
24
27
30
Temperature (
o
C)
Frequency = 1575 MHz
-60
-40
-20
0
20
40
60
80
100
24
26
28
30
32
34
36
Temperature (
o
C)
Frequency = 1575 MHz
-60
-40
-20
0
20
40
60
80
100
9
12
15
18
21
24
27
30
Temperature (
o
C)
-60
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Temperature (
o
C)
Frequency = 1575 MHz
1400
1450
1500
1550
1600
1650
1700
1750
1800
0
1
2
3
4
5
Frequency (MHz)
-40
oc
25
oc
85
oc
freq (1.400GHz to 1.800GHz)
indep(Source_stabcir[m1,::]) (0.000 to 51.000)
indep(Load_stabcir[m1,::]) (0.000 to 51.000)
Current vs. Temperature
Gain vs. Temperature
P1dB vs. Temperature
Output IP3 vs. Temperature
NF vs. Temperature
NF vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com