Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL30G Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASL30G
Description  DC MMIC LNA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL30G Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASL30G Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 17Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13/22
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASL30G
DC ~ 6000 MHz MMIC LNA
1) OIP3 is measured with two tones at an output power of -5 dBm/tone separated by 1MHz.
Top
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
1400
1450
1500
1550
1600
1650
1700
1750
1800
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
S12
S22
S11
S21
Frequency [MHz]
Schematic
S-parameters & K-factor
GPS,GLONASS,Galileo&Compass
1559 MHz ~ 1610 MHz
+1.8 V
Board Layout (FR4, 14x11.3 mm2, 0.8T)
* Note: Gain and current can be reduced by controlling Vs to 2V.
C3 must be placed as close as possible to the device.
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power Gain
Gp
F = 1.575 GHz
26
dB
Noise Figure
NF
F = 1.575 GHz
1.0
dB
Input Return Loss
RLin
F = 1.575 GHz
-14
dB
Output Return Loss
RLout
F = 1.575 GHz
-18
dB
Reverse Isolation
ISO
F = 1.575 GHz
-38
dB
1 dB Gain Compression
Output Power
Po(1dB)
F = 1.575 GHz
6
dBm
3rd Intercept Point
Output Power 1)
OIP3
F = 1.575 GHz
15
dBm
Current
Id
F = 1.575 GHz,
Non-RF
8.5
mA
Bottom
indep(Source_stabcir[m1,::]) (0.000 to 51.000)
indep(Load_stabcir[m1,::]) (0.000 to 51.000)
APPLICATION CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com