Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL30G Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASL30G
Description  DC MMIC LNA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL30G Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASL30G Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL30G Datasheet HTML 15Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11/22
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASL30G
DC ~ 6000 MHz MMIC LNA
1400
1450
1500
1550
1600
1650
1700
1750
1800
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
100
oc
1) OIP3 is measured with two tones at an output power of -10 dBm/tone separated by 1MHz.
Top
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
1400
1450
1500
1550
1600
1650
1700
1750
1800
-40
-30
-20
-10
0
Frequency (MHz)
-40
oc
25
oc
85
oc
100
oc
1400
1450
1500
1550
1600
1650
1700
1750
1800
0
10
20
30
40
Frequency (MHz)
-40
oc
25
oc
85
oc
100
oc
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
GPS,GLONASS,Galileo&Compass
1559 MHz ~ 1610 MHz
+3.3 V
Board Layout (FR4, 14x11.3 mm2, 0.8T)
4.2mm
* Note: Gain and current can be reduced by controlling Vs to 2V.
C3 must be placed as close as possible to the device.
Bottom
Parameter
Symbol
Test Conditions
TYP.
Unit
Power Gain
Gp
F = 1575 MHz
30.0
dB
Noise Figure
NF
F = 1575 MHz
0.8
dB
Input Return Loss
RLin
F = 1575 MHz
-20
dB
Output Return Loss
RLout
F = 1575 MHz
-16
dB
Reverse Isolation
ISO
F = 1575 MHz
-38
dB
1 dB Gain Compression
Output Power
Po(1dB)
F = 1575 MHz
12
dBm
3rd Intercept Point
Output Power 1)
OIP3
F = 1575 MHz
23
dBm
Current
Id
F = 1575 MHz,
Non-RF
23
mA
Device Voltage
Vd
F = 1575 MHz,
Non-RF
+3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com