Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA235 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TA235
Description  TECHNICAL ARTICLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA235 Datasheet(HTML) 1 Page - STMicroelectronics

  TA235 Datasheet HTML 1Page - STMicroelectronics TA235 Datasheet HTML 2Page - STMicroelectronics TA235 Datasheet HTML 3Page - STMicroelectronics TA235 Datasheet HTML 4Page - STMicroelectronics TA235 Datasheet HTML 5Page - STMicroelectronics TA235 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 2000
1/6
TA 235
TECHNICAL ARTICLE
FIRMWARE HUB (FWH):
NEW GENERATION STORAGE FOR BIOS
James Lee
Sandro D’Angelo
STMicroelectronics Inc.
STMicroelectronics
Lexington, MA, USA
Catania, Italy
The traditional PC motherboard uses a chip-set
containing two controllers, called the North Bridge
and the South Bridge. Intel replaces these with the
Hub. In the Hub Architecture the two controllers
are connected to each other via a new Interlink
dedicated bus. This is a high-speed bus that has
twice the bandwidth of the PCI bus that works at
266 MBytes per second and resembles the new
point-to-point channel. The new Intel PC platforms
incorporate three primary components:
s
the Memory Control Hub (MCH),
s
the I/O Control Hub (ICH),
s
the Firmware Hub (FWH).
They use the Intel Hub Protocol that allows a
greater flow of information from the I/O controller
to the memory controller.
What is the Firmware Hub?
The Firmware Hub (FWH) is a flash memory
device for BIOS storage, based on Intel’s Low Pin
Count (LCP) Interface Specification. It eliminates
a redundant nonvolatile memory component and
is a fundamental part of the new generation PC
motherboards. It is the key to future security and
manageability
of
infrastructures
for
the
PC
platform.
Firmware Hub Functional Description
The memory of the FWH is constructed in a
uniformed matrix array of 64 KByte blocks to allow
each block to be erased and reprogrammed
without affecting other blocks. For functional
flexibility the FWH can be operated with two
different interfaces:
s
the Firmware Hub Interface (FWH) for
embedded operation
s
the Address/Address Multiplexed Interface (A/
A Mux) for programming operation during
manufacturing.
They are selected by the setting of the Interface
Configuration (IC) pin at VIL for FWH Interface
mode and VIH for A/A Mux Interface mode.
Figure 1. Firmware Hub Interface
Configuration
AI03623
4
FWH4
FWH0-
FWH3
VCC
M50FW040
CLK
VSS
4
IC
RP
TBL
5
INIT
WP
ID0-ID3
FGPI0-
FGPI4
VPP


Similar Part No. - TA235

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2350A TAI-SAW-TA2350A Datasheet
407Kb / 7P
SAW Filter 3700 MHz
logo
Transko Electronics, In...
TA2350AM TRANSKO-TA2350AM Datasheet
439Kb / 4P
WIBRO, RF SAW Filter
Revision 0: September 2005
TA2350CM TRANSKO-TA2350CM Datasheet
395Kb / 4P
Wireless, RF SAW Filter
Revision 1: January 2010
logo
TAI-SAW TECHNOLOGY CO.,...
TA2352A TAI-SAW-TA2352A Datasheet
487Kb / 7P
SAW Filter 1254.15 MHz SMD 2.0횞1.6 mm (BW=68.7 MHz)
More results

Similar Description - TA235

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
Technical Data
logo
STMicroelectronics
TA0321 STMICROELECTRONICS-TA0321 Datasheet
182Kb / 12P
TECHNICAL ARTICLE
09-Jan-2006
logo
AZ Displays
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
TECHNICAL SPECIFICATION
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
TECHNICAL SPECIFICATION
logo
Analog Devices
MS-2212 AD-MS-2212 Datasheet
248Kb / 5P
Technical Article
MS-2251 AD-MS-2251_15 Datasheet
270Kb / 6P
Technical Article
logo
PHOENIX CONTACT
2862961 PHOENIX-2862961 Datasheet
191Kb / 5P
The illustration shows the article IB IL 24 DO 16-PAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com