Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA235 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TA235
Description  TECHNICAL ARTICLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA235 Datasheet(HTML) 2 Page - STMicroelectronics

  TA235 Datasheet HTML 1Page - STMicroelectronics TA235 Datasheet HTML 2Page - STMicroelectronics TA235 Datasheet HTML 3Page - STMicroelectronics TA235 Datasheet HTML 4Page - STMicroelectronics TA235 Datasheet HTML 5Page - STMicroelectronics TA235 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TA 235
2/6
Figure 2. Firmware Hub Read Protocol
Figure 3. Firmware Hub Write Protocol
AI03437
CLK
FWH4
FWH0-FWH3
Number of
clock cycles
START
IDSEL
ADDR
MSIZE
TAR
SYNC
DATA
TAR
11712322
AI03441
CLK
FWH4
FWH0-FWH3
Number of
clock cycles
START
IDSEL
ADDR
MSIZE
DATA
TAR
SYNC
TAR
11712212
Firmware Hub Interface
The FWH Interface features:
s
a five Signal Communication Interface (FWH0-
FWH4) to support the Read and Write
operations,
s
five General Purpose Inputs (FGPI0-FGPI4) for
platform design flexibility,
s
four Identification Inputs (ID0-ID3) to address
up to 16 different memory devices,
s
a Register Based Block Locking and a
Hardware Block Protection for firmware
security.
It has an Input Clock (CLK) synchronized with the
33MHz PCI clock and a 3.3V Input/Output bus.
Figure 1 shows the pin description for FWH
interface mode.
There are two different protection modes designed
for the FWH interface. The hardware protection
has the Top Block Lock (TBL) that prevents the
Top Block from being changed, and the Write
Protect (WP) that prevents all the other blocks
from being changed.
Figure 4. Address/Address Multiplexed
Interface Configuration
AI03796
11
G
DQ0-
DQ7
VCC
M50FW040
RC
VSS
8
IC
RP
RB
W
A0-A10
VPP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com