Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA235 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TA235
Description  TECHNICAL ARTICLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA235 Datasheet(HTML) 3 Page - STMicroelectronics

  TA235 Datasheet HTML 1Page - STMicroelectronics TA235 Datasheet HTML 2Page - STMicroelectronics TA235 Datasheet HTML 3Page - STMicroelectronics TA235 Datasheet HTML 4Page - STMicroelectronics TA235 Datasheet HTML 5Page - STMicroelectronics TA235 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
TA 235
bring the chip-sets into synchronization. Figure 2
shows the Firmware Hub Read Protocol and
Figure 3 shows the Firmware Hub Write Protocol.
Address/Address Multiplexed Interface
The
Address/Address
Multiplexed
Interface
features:
s
11 Address Inputs for Row/Column
addressing,
s
8 Data Inputs/Outputs for data bus operation,
s
Output Enable for Read operation,
s
Write Enable for Programming operation,
s
Row/Column Address Select (RC) for Row or
Column Address Latch
s
Ready/Busy Output for verify operation.
Figure 4 shows the pin description for A/A Mux
interface mode.
The software protection is a register based read
and write protection in FWH interface mode. The
registers can be altered to set the appropriate
Locking to protect against piracy. Depending on
the degree of protection required, the Lock
Registers can set the memory in either Read Lock,
Write Lock or Lock Down mode .
The Firmware Hub protocol is Intel proprietary and
is based on the Low Pin Count Interface (LPC).
Four Signal Communication pins (FWH0 – FWH3)
together with an Input Communication Frame
(FWH4) are used to determine the bus operation.
A four bit Cycle Type (CYCLETYPE) defines
whether it is Reading or Writing to the FWH.
The Device Select bits (IDSEL) indicate which
FWH device is selected. The Memory Size Cycle
(MSIZE) always gives 0000 (single byte transfer).
The Turn Around bits (TAR), occupying two clock
cycles, are driven by the host when it is turning
control over to the peripheral and driven by the
peripheral when it is turning control over to the
host. Synchronize bits (SYNC) are required to
Figure 5. Address/Address Multiplexed Interface Read Protocol
AI03406
tAVAV
tCLAX
tCHAX
tGLQX
tGLQV
tGHQX
VALID
A0-A10
G
DQ0-DQ7
RC
tCHQV
tGHQZ
COLUMN ADDR VALID
W
RP
tPHAV
ROW ADDR VALID
NEXT ADDR VALID
tAVCL
tAVCH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com