Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA1204AF Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA1204AF
Description  γ CORRECTION IC FOR LCD TV
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1204AF Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA1204AF Datasheet HTML 4Page - Toshiba Semiconductor TA1204AF Datasheet HTML 5Page - Toshiba Semiconductor TA1204AF Datasheet HTML 6Page - Toshiba Semiconductor TA1204AF Datasheet HTML 7Page - Toshiba Semiconductor TA1204AF Datasheet HTML 8Page - Toshiba Semiconductor TA1204AF Datasheet HTML 9Page - Toshiba Semiconductor TA1204AF Datasheet HTML 10Page - Toshiba Semiconductor TA1204AF Datasheet HTML 11Page - Toshiba Semiconductor TA1204AF Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TA1204AF
2001-02-07 8/25
PIN
No.
PIN NAME
FUNCTION
INTERFACE CIRCUIT
INPUT / OUTPUT
SIGNAL
35
B Clamp Fil.
Connect B-axis γ input pedestal offset
cancel filter.
Use G-axis pedestal as reference.
37
G Clamp Fil.
Connect G-axis γ input pedestal offset
cancel filter.
Use brightness adjustment voltage as
reference.
41
R Clamp Fil.
Connect R-axis γ input pedestal offset
cancel filter.
Use G-axis pedestal as reference.
DC
38
40
42
B In (B)
G In (B)
R In (B)
Input RGB (B) signal.
In Clamp mode, input via clamp
capacitor.
100IRE = 0.7Vp-p
Clamp mode
39
GND
GND pin for block to which power is
supplied from VCC pin.
Connect to 5 and 17 GND pins using
short thick line.
―
―
1
43
γ-R Cont
γ-B Cont
Fine-adjusts R / B-axis γ characteristic.
When left open, biased 3.7V.
When voltage is adjusted to 3.7V, γ
adjustment is typically 78% (at 60%
white input).
DC input
0 to 5V
γ adjustment :
66 to 78%
(at 60% white input)
44
γ-Com Cont
Adjusts common γ characteristic.
Batch-adjusts three axes.
When left open, biased 2.5V.
When voltage is adjusted to 2.5V, γ
adjustment is typically 72% (at 60%
white input).
DC input
0.9 to 4.9V
γ adjustment :
82 to 60%
(at white 60% input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com