Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA1204AF Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TA1204AF
Description  款 CORRECTION IC FOR LCD TV
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1204AF Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TA1204AF Datasheet HTML 9Page - Toshiba Semiconductor TA1204AF Datasheet HTML 10Page - Toshiba Semiconductor TA1204AF Datasheet HTML 11Page - Toshiba Semiconductor TA1204AF Datasheet HTML 12Page - Toshiba Semiconductor TA1204AF Datasheet HTML 13Page - Toshiba Semiconductor TA1204AF Datasheet HTML 14Page - Toshiba Semiconductor TA1204AF Datasheet HTML 15Page - Toshiba Semiconductor TA1204AF Datasheet HTML 16Page - Toshiba Semiconductor TA1204AF Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TA1204AF
2001-02-07 13/25
METHOD OF MEASUREMENT
Note 1:
Image signal input dynamic range
• Test condition 2 (direct-coupling mode)
• Input :
G In1 / G In2
Test signal 1
For input A, measure the peak levels at input pins 32 {34, 36} immediately before the top / down
clipping of the output signals of output pins 21 {19, 14}, while adjusting VR34 and changing the
pedestal levels at the end of the input pin. Specify the difference between the upper and lower
measurement values as the dynamic range to be obtained.
For input B, change SW2B from a to b, adjust VR40, and take the same measurements for input pins
38 {40, 42}.
Note 2:
Inter-channel crosstalk 1
• Test condition 5 (CP mode, fixed polarity)
• Input :
X In1 / X In2
Test No. 2
Measurement frequency 1MHz
• Other input pins
(Y In1 · Z In1 / Y In2 · Z In2) : short to GND
Change SW27 from a to b as before, and adjust VR27 so there is no difference between the γ0 and
black levels in the output waveform at pin 19.
For input A, input it to the X-axis (pin X In1) and measure the amplitude values of the 1MHz
components at output pins 21, 19, and 14. Short to GND the other input pins (Y In1 / Z In1).
Crosstalk from the X-axis to the Y-axis = (amplitude value of the Y-axis output) /
(amplitude value of the X-axis output)
Crosstalk from the X-axis to the Z-axis = (amplitude value of the Z-axis output) /
(amplitude value of the X-axis output)
Change the combination of X, Y, and Z among B (output pin 21), G (output pin 19), and R (output pin
14), and repeat the same measurement. For the B input, change SW2B from a to b, set the input pin
at BINX, short to GND the other input pins (Y In2 / Z In2), and measure as for input A.
Note 3:
Switched SW crosstalk
• Test condition 5 (CP mode, fixed polarity)
• Input :
X In1 (X In2 = short to GND)
/ X In2 (X In1 = short to GND)
Test signal 2
Measurement frequency 1MHz
Change SW27 from a to b as before, adjust VR27 so there is no difference between the γ0 level and
the black level in the output waveform of pin 19, input it to the channel A X-axis (pin X In1), switch
SW2B from a to b, and measure the amplitude value of the 1MHz component of the X-axis output
pins (pin 21 when X = B, pin 19 when X = G, and pin 14 when X = R) before and after switching.
Crosstalk from input A to input B =
(amplitude value when SW = b) /
(amplitude value when SW = a)
Change the input pin to channel B (pin X In2) and repeat the same measurement.
Crosstalk from input B to input A =
(amplitude value when SW = a) /
(amplitude value when SW = b)
Repeat this measurement replacing B, G, and R as the X-axis.
Note 4:
Typical amplitude for signal outputs, inter-axis amplitude deviation, and polarity difference
• Test condition 4 (CP mode)
• Input :
X In1
Test signal 3
Input signals (0.7Vp-p) including black and white levels at input A (X In1).
Measure the amplitudes between the black and white waveform levels at output pins (pin 21 when X
= B, pin 19 when X = G, and pin 14 when X = R) for positive and negative polarities.
Repeat this measurement replacing B, G, and R as the X-axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com