Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA1204AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA1204AF
Description  款 CORRECTION IC FOR LCD TV
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1204AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA1204AF Datasheet HTML 1Page - Toshiba Semiconductor TA1204AF Datasheet HTML 2Page - Toshiba Semiconductor TA1204AF Datasheet HTML 3Page - Toshiba Semiconductor TA1204AF Datasheet HTML 4Page - Toshiba Semiconductor TA1204AF Datasheet HTML 5Page - Toshiba Semiconductor TA1204AF Datasheet HTML 6Page - Toshiba Semiconductor TA1204AF Datasheet HTML 7Page - Toshiba Semiconductor TA1204AF Datasheet HTML 8Page - Toshiba Semiconductor TA1204AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TA1204AF
2001-02-07 3/25
PIN FUNCTION
PIN
No.
PIN NAME
FUNCTION
INTERFACE CIRCUIT
INPUT / OUTPUT
SIGNAL
2
A / B select
Switches input.
Do not leave open.
Do not switch duration from 2µs
before, to 4µs after clamp pulse A / B.
If pin 2 is not in use, fixed to VCC (5V)
or GND.
3
4
CP A IN
CP B IN
Inputs clamp pulse. Set clamp pulse
width to at least 2µs.
If pin 3 or 4 is not in use, fix to GND.
5
GND
GND pin for block to which power is
supplied from VDD pin.
Connect to 17 and 39 GND pins using
short thick line.
―
―
6
V Inv.
Switches vertical polarity
inverted phase.
Switching between pins 6 and 7
switches RGB and VCOM
outputs.
Do not leave open.
If pin 6 is not in use, fixed to VCC (5V)
or GND.
7
Pol In
Input polarity signal.
If pin 7 is not in use, fixed to VCC (5V)
or GND.
When pin 6 is High :
H :
negative polarity output;
VCOM output is High.
L :
positive polarity output; VCOM
output is Low.
When pin 6 is Low :
H :
positive polarity output; VCOM
output is High.
L :
negative polarity output;
VCOM output is Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com