Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STPM01
Description  PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STPM01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STPM01 Datasheet HTML 1Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 2Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 3Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 4Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 5Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 6Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 7Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 8Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPM01
3/9
Figure 2: Block Diagram
Table 3: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Table 4: Electrical Characteristics (Typical values are at TA = 25°C, and VCC = 5V)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 6
V
IPIN
Current on any pin
± 150
mA
TA
Operating Temperature Range
-40 to +85
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage Positive
3.165
5.5
V
ICC
Supply Current Positive
4MHz, VCC = 5V
4
mA
8MHz, VCC = 5V
6
POR
Power On Reset on VCC
2.5
V
VDDA
Analog Supply Voltage
No Calibration
3 ± 5%
V
VDDD
Digital core power supply
1.5 ± 5%
V
F
Nominal Line frequency
50/60 ± 5%
Hz
fclk
Clock frequency
2
10
MHz
VPRG
OTP Programming Level
14
20
V
IPRG
OTP Programming Current
2.5
mA
tPRG
OTP Programming Time
100
300
µs
IIP1
IIN1
IIP2
IIN2
VIP
VIN
CLKIN
CLKOUT
VDDA
VOTP
LED
SYN
VCC
VDDD
VSS
Voltage
Reference and
Power - on
Reset
56 bit OTP
Power to pulse
rate
MUX
2:1
2x Sigma
Delta ADC
&
Analog
Processing
Digital
Processing
and
Power
Calculation
Serial
Interface
SPI
O
S
C
I
L
L
A
T
O
R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com