Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STPM01
Description  PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STPM01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STPM01 Datasheet HTML 1Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 2Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 3Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 4Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 5Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 6Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 7Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 8Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STPM01
2/9
Figure 1: Pin Configuration
Table 2: Pin Description
PlN N°
SYMBOL
NAME AND FUNCTION
1, 2
MON, MOP
Motor pulse outputs. These outputs are used to driver in impulse counter or a stepper
motor. They can also be used for reactive energy pulses LED indicator, or for output
Σ∆
signal of analog current/voltage channel respectively, or for test mode i/o
Σ∆ signal for
analog current/ voltage channel respectively
3SCS
Chip select - data transmission enable: a falling edge in this pin places the device in
communication mode. Bringing SCS high places the serial bus in high impedance
4
VDDD
Output of internal LowDrop regulator and power supply for digital core
5
VSS
Ground: this pin provides a supply return and analog signal reference level.
6
VCC
Positive Power Supply. Typically +5V
7
VOTP
Power for programming OTP cells
8
VDDA
Output of internal LowDrop regulator and power supply for analog core and OTP cells
9, 10
IIP1, IIN1
Analog input: +and – current (respectively) channel 1
11, 12
IIP2, IIN2
Analog input: +and – current (respectively) channel 2
13, 14
VIP, VIN
Analog input: +and – voltage (respectively) intended for use with the voltage transducer
15
SYN
Select data in or data out on SDA or Measurement latching for transmission or output
for negative power
16
CLKIN
Input of internal crystal oscillator or input for external measure clock or current setting
input for internal RC oscillator
17
CLKOUT
Output of internal RC or crystal oscillator
18
SCL/NLC
Serial clock input for the synchronous serial interface or for No Load Condition Led
indicator
19
SDA/TD
Serial Data. Send and receiver data synchronous within CLK, or Tamper Detected Led
indicator
20
LED
Signal for active energy pulses LED indicator or signal of analog current channel
multiplex (available only when used as peripheral and if
Σ∆ signal outputs are selected)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com