Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STPM01
Description  PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STPM01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STPM01 Datasheet HTML 1Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 2Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 3Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 4Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 5Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 6Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 7Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 8Page - List of Unclassifed Manufacturers STPM01 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
September 2004
s
INTEGRATED LINEAR VREGS TO SUPPLY
THE DIGITAL AND ANALOG CORES
s
ADVANCED BICMOS TECHNOLOGY FOR
HIGH PERFORMANCE
s
OTP FOR CALIBRATION AND
CONFIGURATION
s
INTEGRATED OSCILLATOR WITH
EXTERNAL RESISTOR OR CRYSTAL
s
MONITOR BOTH LIVE AND NEUTRAL FOR
TAMPER DETECTION
s
SIGMA DELTA 1st ORDER CONVERTER
s
POWER SUPPLY CURRENT LESS THAN
6mA
s
SUPPORT 50 ÷ 60 Hz – IEC 62052-11,
IEC 62053-2X SPECIFICATION FOR CLASS
0.5 AC WATT METERS
s
PRECISION VOLTAGE REFERENCE ON
CHIP: 1.25 V AND 30 ppm/°C MAX
s
TSSOP20 PACKAGE
DESCRIPTION
The
STPM01
is
designed
for
effective
measurement of active energy in a power line
system
using
the
Rogowski
and/or
Shunt
principle. This device can be implemented as a
single chip 1-phase energy meter or as a
peripheral measurement in a microprocessor
based 1-phase or 3-phase energy meter.
The STPM01 consists, essentially, of two parts:
the analog part and the digital part. The former, is
composed by preamplifier and 1st order
ΣD AD
converter blocks, Bandgap voltage reference,
Lowdrop voltage regulator and a pair of DC buffer,
the latter, is composed by system control, clock
generator, hard wired DSP and SPI interface.
There is also a OTP block, which is controlled
through the SPI by means of a dedicated
command set. The configured bits are used for
testing, configuration and calibration purpose.
From a pair of
ΣD output signals coming from
analog section, a DSP unit computes the amount
of consummated active, reactive and apparent
energy, RMS values of voltage and current value.
The results of computation are available as pulse
frequency and states on the digital outputs of the
device or as data bits in a data stream, which can
be read from the device by means of SPI
interface. This system bus interface is used also
during production testing of the device and/or for
temporary or permanent programming of bits of
internal OTP.
In the STPM01 the calibration is very easy: an
output signal with pulse frequency proportional to
energy is generated, this signal is used to enable
the calibration of the energy meter.
When the device is fully configured and calibrated,
a dedicated bit of OTP block, can be written
permanently
in
order
to
prevent
accidental
entering into some test mode or changing any
configuration.
Table 1: Order Codes
Type
Temperature
Range
Package
Comments
STPM01
-40 to 85 °C
TSSOP20 (Tape & Reel)
2500 parts per reel
STPM01
PROGRAMMABLE SINGLE PHASE ENERGY METERING
IC WITH TAMPER DETECTION
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
TSSOP
PRELIMINARY DATA
Rev. 1


Similar Part No. - STPM01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM01 STMICROELECTRONICS-STPM01 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM01 STMICROELECTRONICS-STPM01_11 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
More results

Similar Description - STPM01

ManufacturerPart #DatasheetDescription
logo
Sames
SA2007M SAMES-SA2007M Datasheet
168Kb / 10P
Single Phase Power/Energy Metering IC with Tamper Detection
SA2007P SAMES-SA2007P Datasheet
138Kb / 12P
Programmable Single Phase Energy Metering IC with Tamper Detection
SA9607M SAMES-SA9607M Datasheet
98Kb / 10P
Single Phase Power/Energy Metering IC with Tamper Detection
SA9607P SAMES-SA9607P Datasheet
127Kb / 12P
Programmable Single Phase Energy Metering IC with Tamper Detection
logo
ATMEL Corporation
AVR465 ATMEL-AVR465 Datasheet
305Kb / 40P
Single-Phase Power/Energy Meter with Tamper Detection
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM01 STMICROELECTRONICS-STPM01_11 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM10 STMICROELECTRONICS-STPM10 Datasheet
1Mb / 51P
Programmable single-phase energy metering IC with tamper detection
09-Jun-2011
AN2288 STMICROELECTRONICS-AN2288 Datasheet
247Kb / 29P
Single-phase energy meter with tamper detection based on ST7FLITE2x
23-May-2006
STPM10 STMICROELECTRONICS-STPM10_V01 Datasheet
1Mb / 47P
Programmable single-phase energy metering IC with tamper detection
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com