Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL226 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL226
Description  MMIC LNA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL226 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL226 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/22
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
June 2017
ASL226
700-6000MHz MMIC LNA
Note: 1. The number and size of ground via holes in a
circuit board is critical for thermal and RF
grounding considerations.
2. We recommend that the ground via holes be
placed on the bottom of lead pin 2,4 and 5 for
better RF and thermal performance, as
shown in the drawing at the left side.
3. You can download the gerber file of ASL226
from http://www.asb.co.kr/s-para/ASL226_gerber.zip
Pin No.
Function
Pin No.
Function.
1
VDD
4
GND
2
GND
5
GND
3
RF OUT
6
RF IN
Outline Drawing
ESD Classification
HBM
Class 0
Voltage Level: 200 V
MM
Class A
Voltage Level: 40 V
CAUTION: ESD-sensitive device!
Moisture Sensitivity Level (MSL)
Level 3 at 260
C reflow
ESD Classification & Moisture Sensitivity Level
Part No.
Mounting Recommendation(in mm)
Symbols
Dimensions (In mm)
Dimensions (In inch)
MIN
MAX
MIN
MAX
A
0.90
1.10
.036
.044
A1
0.025
0.10
.001
.004
A2
0.875
1.00
.035
.040
b
0.20
0.40
.008
.016
C
0.10
0.15
.004
.006
D
1.90
2.10
.076
.084
F
1.15
1.35
.046
.054
E1
2.00
2.20
.080
.088
e
0.65 BSC.
.026 BSC.
e1
1.30 BSC.
.052 BSC.
L
0.425 REF.
.017 REF..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com