Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL226 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASL226
Description  MMIC LNA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL226 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASL226 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13/22
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
June 2017
ASL226
700-6000MHz MMIC LNA
1) OIP3 is measured with two tones at an output power of -10 dBm/tone separated by 1MHz.
Top
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
CDMA, GSM
900 MHz
+3 V
Board Layout (FR4, 14x11.3 mm2, 0.8T)
Bottom
Parameter
Symbol
Test Conditions
TYP.
Unit
Power Gain
Gp
F = 900 MHz
34
38
dB
Noise Figure
NF
F = 900 MHz
1.3
1.2
dB
Input Return Loss
RLin
F = 900 MHz
-14
-10
dB
Output Return Loss
RLout
F = 900 MHz
-15
-12
dB
Reverse Isolation
ISO
F = 900 MHz
-40
-45
dB
1 dB Gain Compression
Output Power
Po(1dB)
F = 900 MHz
9.0
12
dBm
3rd Intercept Point
Output Power 1)
OIP3
F = 900 MHz
18
23
dBm
Current
Id
F = 900 MHz,
Non-RF
8.5
18
mA
Device Voltage
Vd
F = 900 MHz,
Non-RF
3
5
V
600
700
800
900
1000
1100
1200
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
S12
S22
S11
S21
Frequency [MHz]
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
* Note: Gain and current can be reduced by controlling VDD to 2 V.
C2 must be placed as close as possible to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com