Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL226 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL226
Description  MMIC LNA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL226 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL226 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
June 2017
ASL226
700-6000MHz MMIC LNA
1) OIP3 is measured with two tones at an output power of -10 dBm/tone separated by 1MHz.
* 100% in-house DC & RF testing is done on packaged products before taping.
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Max. input power, in principle depends upon the application frequency and the matching circuit.
Parameters
Units
Typical
Frequency
MHz
1575
1575
1575
1575
900
1950
2450
3500
5800
Gain
dB
23.5
28
28.5
30.5
34
25
21.5
15
9.5
S11
dB
-14
-16
-20
-11
-14
-15
-16
-16
-12
S22
dB
-12
-15
-20
-14
-15
-20
-16
-12
-11
S12
dB
-40
-40
-40
-40
-40
-35
-30
-30
-22
Output IP31)
dBm
11
15.5
17
20
18
16.5
14
10
12
Noise Figure
dB
1.2
1.1
0.95
1.0
1.3
1.3
1.3
1.8
3.0
Output P1dB
dBm
9
11
11
11
9
10.5
11
8
7
Current
mA
5.5
8.5
9.5
18
8.5
8.5
8.5
8.5
8.5
Device Voltage
V
+2.2
+3
+3.3
+5
+3
+3
+3
+3
+3
Parameters
Units
Min
Typ
Max
Frequency
MHz
1575
Gain
dB
27
28
S11
dB
-16
S22
dB
-15
S12
dB
-40
Output IP3
dBm
14
15.5
Noise Figure
dB
1.1
1.3
Output P1dB
dBm
9
11
Current
mA
5.5
8.5
11
Device Voltage
V
+3
Parameters
Rating
Operating Case Temperature
-40 to
85C
Storage Temperature
-40 to
150C
Device Voltage
+5 V
Operating Junction Temperature
+150
C
Input RF Power
(CW, 50
matched as in 1575 MHz application circuit)*
+22 dBm
Thermal Resistance
285
C/W
·
Two-stage LNA
· 28 dB gain & 1.1 dB NF at 1575 MHz
GPS, GLONASS, Galileo and Compass
·
Unconditionally Stable
·
Need only 5 components
·
3 kV Contact Discharge ESD Rating
achievable with one external L (Refer
to an application circuit at page 8)
Features
Description
Package Style: SOT-363
ASL226 is a two-stage LNA for GPS, GLONASS,
Galileo and Compass receiver low noise block. It has a
low noise, high gain, and high linearity over a wide
range of frequency up to 6 GHz. It is also suitable for
use in the low noise amplifier block of the mobile
wireless systems of T-DMB, CDMA, GSM, PCS,
WCDMA, WiBro, WiMAX, and WLAN so on. The
amplifier is available in an SOT-363 package and
passes the stringent DC, RF, and reliability tests.
Applications
·GPS Receiver
·CDMA, GSM, W-CDMA, PCS
·WiBro, WiMax, WLAN
·Gain Block
·IF Amplifier
Product Specifications*
More Information
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
ASB Inc., 4th FI. Venture Town Bldg.,
367-17 Goijeong-Dong, Seo-Gu,
Daejon 302-716, Korea
Typical Performance
(Supply Voltage = +3 V, TA = +25 C, Z0 = 50 )
More Information
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
ASB Inc., 4th FI. Venture Town Bldg.,
367-17 Goijeong-Dong, Seo-Gu,
Daejon 302-716, Korea
Pin No.
Function
1
VDD
2
GND
3
OUT
4
GND
5
GND
6
IN
Pin Configuration
Absolute Maximum Ratings
Pin Configuration
Pin No.
Function
1
VDD
2,4,5
GND
3
RF OUT
6
RF IN
Application Circuit
GPS/GLONASS/Galileo/Compass
·1559 MHz ~ 1610 MHz (1.8V)
·1559 MHz ~ 1610 MHz (2.2V)
·1559 MHz ~ 1610 MHz (3.3V)
·1559 MHz ~ 1610 MHz
(NF=0.95dB, 3.3V)
·1559 MHz ~ 1610 MHz
(Gain>30dB, 5V)
·1559 MHz ~ 1610 MHz
(Robust ESD /
 3 kV)
·1559 MHz ~ 1610 MHz
(2.85V / 20dB Gain)
·1559 MHz ~ 1610 MHz
(With SAW Filter)
·1164 MHz ~ 1300 MHz
Others
·900 MHz
·1950 MHz
·2450 MHz
·2300~2900 MHz
·2300~2900 MHz (Low Gain)
·3300 ~ 3800MHz
·4000~4500 MHz
·5800 MHz


Similar Part No. - ASL226

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL226 ASB-ASL226 Datasheet
1Mb / 21P
700-6000MHz MMIC LNA
September 2012
ASL226 ASB-ASL226_14 Datasheet
1Mb / 20P
700-6000MHz MMIC LNA
April 2014
More results

Similar Description - ASL226

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FMM5701LG FUJITSU-FMM5701LG Datasheet
79Kb / 6P
LNA MMIC
logo
Filtronic Compound Semi...
FMA219 FILTRONIC-FMA219 Datasheet
328Kb / 5P
X-BAND LNA MMIC
logo
Eudyna Devices Inc
FMM5703X EUDYNA-FMM5703X Datasheet
886Kb / 4P
24-32GHz LNA MMIC
FMM5704X EUDYNA-FMM5704X Datasheet
1Mb / 4P
36-40GHz LNA MMIC
logo
Advanced Semiconductor ...
ASL226 ASB-ASL226 Datasheet
1Mb / 21P
700-6000MHz MMIC LNA
September 2012
logo
Broadcom Corporation.
DEMO-MGA8756-3 BOARDCOM-DEMO-MGA8756-3 Datasheet
132Kb / 9P
GaAs MMIC LNA
logo
Advanced Semiconductor ...
ASL09C ASB-ASL09C_17 Datasheet
861Kb / 10P
High Linearity LNA MMIC
April 2017
ASL30G ASB-ASL30G_17 Datasheet
1Mb / 22P
DC MMIC LNA
February 2017
ASL41S9 ASB-ASL41S9_17 Datasheet
510Kb / 11P
High Linearity LNA MMIC
January 2017
ASL210 ASB-ASL210_17 Datasheet
460Kb / 10P
High Linearity LNA MMIC
April 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com