Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3096PWPR Datasheet(PDF) 6 Page - Texas Instruments

Part # THS3096PWPR
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3096PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS3096PWPR Datasheet HTML 2Page - Texas Instruments THS3096PWPR Datasheet HTML 3Page - Texas Instruments THS3096PWPR Datasheet HTML 4Page - Texas Instruments THS3096PWPR Datasheet HTML 5Page - Texas Instruments THS3096PWPR Datasheet HTML 6Page - Texas Instruments THS3096PWPR Datasheet HTML 7Page - Texas Instruments THS3096PWPR Datasheet HTML 8Page - Texas Instruments THS3096PWPR Datasheet HTML 9Page - Texas Instruments THS3096PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
THS3092
THS3096
SLOS428A – DECEMBER 2003 – REVISED FEBRUARY 2004
V
S = ±5 V, RF = 909 Ω, RL = 100 Ω, and G = 2 (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
-40
°C to
MIN/TYP/
25
°C
25
°C
UNIT
70
°C
85
°C
MAX
AC PERFORMANCE
G = 1, RF = 1.1 kΩ, VO = 200 mVPP
125
G = 2, RF = 909 Ω, VO = 200 mVPP
140
Small-signal bandwidth, -3 dB
G = 5, RF = 715 Ω, VO = 200 mVPP
145
MHz
TYP
G = 10, RF = 604 Ω, VO = 200 mVPP
135
0.1 dB bandwidth flatness
G = 2, RF = 909 Ω, VO = 200 mVPP
42
Large-signal bandwidth
G = 2, RF = 909 Ω , VO = 5 VPP
125
G = 2, VO= 5-V step, RF = 909 Ω
1050
Slew rate (25% to 75% level)
V/µs
TYP
G = 5, VO= 5-V step, RF = 715 Ω
1350
Rise and fall time
G = 2, VO = 5-V step, RF = 909 Ω
5
ns
TYP
Settling time to 0.1%
G = -2, VO = 2 VPP step
35
ns
TYP
Settling time to 0.01%
G = -2, VO = 2 VPP step
73
Harmonic distortion
RL = 100Ω
64
2nd Harmonic distortion
G = 2,
RL = 1 kΩ
67
RF = 909 Ω ,
dBc
TYP
VO = 2 VPP,
RL = 100Ω
75
f = 10 MHz
3rd Harmonic distortion
RL = 1 kΩ
75
Input voltage noise
f > 10 kHz
2
nV /
√Hz
TYP
Noninverting input current noise
f > 10 kHz
13
pA /
√Hz
TYP
Inverting input current noise
f > 10 kHz
13
pA /
√Hz
TYP
NTSC
0.027%
Differential gain
G = 2,
PAL
0.025%
RL = 150 Ω,
TYP
NTSC
0.04
°
RF = 909 Ω
Differential phase
PAL
0.05
°
G = 2,
Ch 1 to 2
60
Crosstalk
RL = 100 Ω,
dB
Ch 2 to 1
56
f = 10 kHz
DC PERFORMANCE
Transimpedance
VO = ±2.5 V, Gain = 1
700
250
200
200
k
Ω
MIN
Input offset voltage
0.3
2
3
3
mV
MAX
Average offset voltage drift
±10
±10
µV/
°C
TYP
Noninverting input bias current
2
15
20
20
µA
MAX
Average bias current drift
±20
±20
µA/
°C
TYP
VCM = 0 V
Inverting input bias current
5
15
20
20
µA
MAX
Average bias current drift
±20
±20
µA/
°C
TYP
Input offset current
1
10
15
15
µA
MAX
Average offset current drift
±20
±20
µA/
°C
TYP
INPUT CHARACTERISTICS
Common-mode input range
±3.6
±3.3
±3
±3
V
MIN
Common-mode rejection ratio
VCM = ±2.0 V, VO = 0 V
66
60
57
57
dB
MIN
Noninverting input resistance
1.1
M
Ω
TYP
Noninverting input capacitance
1.2
pF
TYP
Inverting input resistance
32
Ω
TYP
Inverting input capacitance
1.5
pF
TYP
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com