Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3096PWPR Datasheet(PDF) 23 Page - Texas Instruments

Part # THS3096PWPR
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3096PWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS3096PWPR Datasheet HTML 19Page - Texas Instruments THS3096PWPR Datasheet HTML 20Page - Texas Instruments THS3096PWPR Datasheet HTML 21Page - Texas Instruments THS3096PWPR Datasheet HTML 22Page - Texas Instruments THS3096PWPR Datasheet HTML 23Page - Texas Instruments THS3096PWPR Datasheet HTML 24Page - Texas Instruments THS3096PWPR Datasheet HTML 25Page - Texas Instruments THS3096PWPR Datasheet HTML 26Page - Texas Instruments THS3096PWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
www.ti.com
PowerPAD™ LAYOUT CONSIDERATIONS
POWER DISSIPATION AND THERMAL
P
Dmax
+
Tmax * TA
q
JA
where:
PDmax is the maximum power dissipation in the amplifier (W).
Tmax is the absolute maximum junction temperature (°C).
TA is the ambient temperature (°C).
θJA = θJC + θCA
θJC is the thermal coeffiecient from the silicon junctions to
the case (
°C/W).
θCA is the thermal coeffiecient from the case to ambient
air (
°C/W).
THS3092
THS3096
SLOS428A – DECEMBER 2003 – REVISED FEBRUARY 2004
CONSIDERATIONS
1. PCB with a top side etch pattern as shown in
Figure 67. There should be etch for the leads as
The
THS3092/6
incorporates
automatic
thermal
well as etch for the thermal pad.
shutoff protection. This protection circuitry shuts down
the amplifier if the junction temperature exceeds
2. Place 13 holes in the area of the thermal pad.
approximately 160
°C. When the junction temperature
These holes should be 10 mils in diameter. Keep
reduces to approximately 140
°C, the amplifier turns
them small so that solder wicking through the
on again. But, for maximum performance and re-
holes is not a problem during reflow.
liability, the designer must take care to ensure that
3. Additional vias may be placed anywhere along
the design does not exeed a junction temperature of
the thermal plane outside of the thermal pad
125
°C. Between 125°C and 150°C, damage does not
area. This helps dissipate the heat generated by
occur, but the performance of the amplifier begins to
the THS3092/6 IC. These additional vias may be
degrade and long term reliability suffers. The thermal
larger than the 10-mil diameter vias directly under
characteristics of the device are dictated by the
the thermal pad. They can be larger because
package
and
the
PC
board.
Maximum
power
they are not in the thermal pad area to be
dissipation for a given package can be calculated
soldered so that wicking is not a problem.
using the following formula.
4. Connect all holes to the internal ground plane.
Note that the PowerPAD is electrically isolated
from the silicon and all leads. Connecting the
PowerPAD to any potential voltage such as VS-,
is acceptable as there is no electrical connection
to the silicon.
5. When connecting these holes to the ground
plane, do not use the typical web or spoke via
connection methodology. Web connections have
a high thermal resistance connection that is
useful for slowing the heat transfer during
soldering operations. This makes the soldering of
vias that have plane connections easier. In this
application, however, low thermal resistance is
desired for the most efficient heat transfer. There-
For systems where heat dissipation is more critical,
fore, the holes under the THS3092/6 PowerPAD
the THS3092 is offered in an 8-pin SOIC (DDA) with
package should make their connection to the
PowerPAD package, and the THS3096 is offered in a
internal ground plane with a complete connection
14-pin TSSOP (PWP) with PowerPAD package for
around
the
entire
circumference
of
the
even better thermal performance. The thermal coef-
plated-through hole.
ficient for the PowerPAD packages are substantially
6. The top-side solder mask should leave the ter-
improved over the traditional SOIC. Maximum power
minals of the package and the thermal pad area
dissipation levels are depicted in the graph for the
with its 13 holes exposed. The bottom-side solder
available packages. The data for the PowerPAD
mask should cover the 13 holes of the thermal
packages assume a board layout that follows the
pad area. This prevents solder from being pulled
PowerPAD layout guidelines referenced above and
away from the thermal pad area during the reflow
detailed in the PowerPAD application note (literature
process.
number SLMA002). The following graph also illus-
7. Apply solder paste to the exposed thermal pad
trates the effect of not soldering the PowerPAD to a
area and all of the IC terminals.
PCB. The thermal impedance increases substantially
which may cause serious heat and performance
8. With these preparatory steps in place, the IC is
issues. Be sure to always solder the PowerPAD to
simply placed in position and run through the
the PCB for optimum performance.
solder
reflow
operation
as
any
standard
surface-mount component. This results in a part
that is properly installed.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com