Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3096PWPR Datasheet(PDF) 19 Page - Texas Instruments

Part # THS3096PWPR
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3096PWPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS3096PWPR Datasheet HTML 15Page - Texas Instruments THS3096PWPR Datasheet HTML 16Page - Texas Instruments THS3096PWPR Datasheet HTML 17Page - Texas Instruments THS3096PWPR Datasheet HTML 18Page - Texas Instruments THS3096PWPR Datasheet HTML 19Page - Texas Instruments THS3096PWPR Datasheet HTML 20Page - Texas Instruments THS3096PWPR Datasheet HTML 21Page - Texas Instruments THS3096PWPR Datasheet HTML 22Page - Texas Instruments THS3096PWPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
www.ti.com
_
+
VS
−VS
49.9
Ω
715
Ω
Ferrite Bead
1
µF
178
Ω
VS
100
Ω LOAD
+
−
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
n Lines
VO(1)
VO(n)
75-
Ω Transmission Line
VI
909
Ω
909
Ω
−15 V
15 V
Driving Capacitive Loads
0
5
10
15
20
25
30
35
40
45
10
100
CL − Capacitive Load − pF
Gain = 5,
VS = ±15 V
+
−
178
Ω
715
Ω
RISO
CL
_
+
VS
−VS
49.9
Ω
715
Ω
5.11
Ω
1
µF
178
Ω
VS
100
Ω LOAD
RISO
_
+
VS
−VS
49.9
Ω
5.11
Ω
1
µF
178
Ω
VS
27 pF
715
Ω
RF
RG
715
Ω
100
Ω LOAD
RIN
THS3092
THS3096
SLOS428A – DECEMBER 2003 – REVISED FEBRUARY 2004
Figure 60.
Figure 57. Video Distribution Amplifier
Application
Placing a small series resistor, RISO, between the
amplifier’s output and the capacitive load, as shown
in Figure 59, is an easy way of isolating the load
capacitance.
Applications such as FET line drivers can be highly
capacitive
and
cause
stability
problems
for
Using a ferrite chip in place of RISO, as shown in
high-speed amplifiers.
Figure 60, is another approach of isolating the output
of the amplifier. The ferrite's impedance characteristic
Figure 58 through Figure 63 show recommended
versus frequency is useful to maintain the low fre-
methods for driving capacitive loads. The basic idea
quency load independence of the amplifier while
is to use a resistor or ferrite chip to isolate the phase
isolating the phase shift caused by the capacitance at
shift at high frequency caused by the capacitive load
high frequency. Use a ferrite with similar impedance
from the amplifier’s feedback path. See Figure 58 for
to RISO, 20 Ω - 50 Ω, at 100 MHz and low impedance
recommended resistor values versus capacitive load.
at dc.
Figure 61 shows another method used to maintain
the low frequency load independence of the amplifier
while isolating the phase shift caused by the capaci-
tance at high frequency. At low frequency, feedback
is mainly from the load side of RISO. At high fre-
quency, the feedback is mainly via the 27-pF capaci-
tor. The resistor RIN in series with the negative input
is used to stabilize the amplifier and should be equal
to the recommended value of RF at unity gain.
Replacing RIN with a ferrite of similar impedance at
about 100 MHz as shown in Figure 62 gives similar
results with reduced dc offset and low frequency
noise. (See the ADDITIONAL REFERENCE MA-
TERIAL
section
for
Expanding
the
usability
of
Figure 58. Recommended RISO vs Capacitive Load
current-feedback amplifiers.)
Figure 59.
Figure 61.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com