Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110ELTR-F Datasheet(PDF) 11 Page - Exar Corporation

Part # XR79110ELTR-F
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110ELTR-F Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR79110ELTR-F Datasheet HTML 7Page - Exar Corporation XR79110ELTR-F Datasheet HTML 8Page - Exar Corporation XR79110ELTR-F Datasheet HTML 9Page - Exar Corporation XR79110ELTR-F Datasheet HTML 10Page - Exar Corporation XR79110ELTR-F Datasheet HTML 11Page - Exar Corporation XR79110ELTR-F Datasheet HTML 12Page - Exar Corporation XR79110ELTR-F Datasheet HTML 13Page - Exar Corporation XR79110ELTR-F Datasheet HTML 14Page - Exar Corporation XR79110ELTR-F Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
XR79110
11 / 19
exar.com/XR79110
Rev 2B
© 2015-2017 Exar Corporation
Efficiency and Package Thermal Derating
Unless otherwise noted: TAMBIENT = 25°C, No Air flow, f=500kHz, Schematic from the application information section.
Figure 19: Efficiency, VIN=5V
Figure 20: Maximum TAMBIENT vs IOUT, VIN=5V
Figure 21: Efficiency, VIN=12V
Figure 22: Maximum TAMBIENT vs IOUT, VIN=12V
Figure 23: Efficiency, VIN=19.6V
Figure 24: Maximum TAMBIENT vs IOUT, VIN=19.6V
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
IOUT (A)
1.8V DCM
1.8V CCM
1.2V DCM
1.2V CCM
50
60
70
80
90
100
110
120
130
12345
6789
10
IOUT (A)
1.2 VOUT
1.8 VOUT
50
60
70
80
90
100
110
120
130
12
345
678
9
10
IOUT (A)
1.0 VOUT
1.8 VOUT
3.3 VOUT
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
0.1
1.0
10.0
IOUT (A)
3.3V DCM
3.3V CCM
2.5V DCM
2.5V CCM
1.8V DCM
1.8V CCM
1.5V DCM
1.5V CCM
1.2V DCM
1.2V CCM
1.0V DCM
1.0V CCM
600kHz
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
0.1
1.0
10.0
IOUT (A)
3.3V DCM
3.3V CCM
2.5V DCM
2.5V CCM
1.8V DCM
1.8V CCM
1.5V DCM
1.5V CCM
1.2V DCM
1.2V CCM
1.0V DCM
1.0V CCM
50
60
70
80
90
100
110
120
130
12345678
9
10
IOUT (A)
1.0 VOUT
1.8 VOUT
3.3 VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com