Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110ELTR-F Datasheet(PDF) 19 Page - Exar Corporation

Part # XR79110ELTR-F
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110ELTR-F Datasheet(HTML) 19 Page - Exar Corporation

Back Button XR79110ELTR-F Datasheet HTML 11Page - Exar Corporation XR79110ELTR-F Datasheet HTML 12Page - Exar Corporation XR79110ELTR-F Datasheet HTML 13Page - Exar Corporation XR79110ELTR-F Datasheet HTML 14Page - Exar Corporation XR79110ELTR-F Datasheet HTML 15Page - Exar Corporation XR79110ELTR-F Datasheet HTML 16Page - Exar Corporation XR79110ELTR-F Datasheet HTML 17Page - Exar Corporation XR79110ELTR-F Datasheet HTML 18Page - Exar Corporation XR79110ELTR-F Datasheet HTML 19Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
XR79110
19 / 19
exar.com/XR79110
Rev 2B
48720 Kato Road
Tel.: +1 (510) 668-7000
Fremont, CA 95438
Fax: +1 (510) 668-7001
USA
Email: Powertechsupport@exar.com
Exar Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. Exar Corporation
conveys no license under any patent or other right and makes no representation that the circuits are free of patent infringement. While the information in this publication has
been carefully checked, no responsibility, however, is assumed for inaccuracies.
Exar Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to
cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Exar Corporation
receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of Exar
Corporation is adequately protected under the circumstances.
Reproduction, in part or whole, without the prior written consent of Exar Corporation is prohibited. Exar, XR and the XR logo are registered trademarks of Exar Corporation. All
other trademarks are the property of their respective owners.
© 2015-2017 Exar Corporation
www.exar.com
Ordering Information(1)
NOTE:
1. Refer to www.exar.com/XR79110 for most up-to-date Ordering Information.
2. Visit www.exar.com for additional information on Environmental Rating
Revision History
Part Number
Operating Temperature Range
Lead-Free
Package
Packaging Method
XR79110EL-F
-40°C to +125°C
Yes(2)
10x10mm QFN
Tray
XR79110ELTR-F
Tape and Reel
XR79110EVB
XR79110 Evaluation Board
Revision
Date
Description
1A
December 2014
ECN 1451-08
1B
January 2015
Corrected schematic on page 1, ECN 1504-05
1C
June 2015
Added CFF/RFF to Application Circuit, updated figure 12, added writeup “maximum allowable ripple at FB pin”
and “VOUT versus frequency curves”
2A
January 2016
Changed minimum VIN to 4.5V, Added CDM rating, changed VCC(MIN)=4.3V at VIN=4.5V, added VCC
UVLO Hysteresis min=150mV across temperature, changed POD
2B
May 2017
Added more transient information to Note 2 under Absolute Maximum Ratings. Updated package drawing
and ordering information format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com