Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110ELTR-F Datasheet(PDF) 15 Page - Exar Corporation

Part # XR79110ELTR-F
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110ELTR-F Datasheet(HTML) 15 Page - Exar Corporation

Back Button XR79110ELTR-F Datasheet HTML 11Page - Exar Corporation XR79110ELTR-F Datasheet HTML 12Page - Exar Corporation XR79110ELTR-F Datasheet HTML 13Page - Exar Corporation XR79110ELTR-F Datasheet HTML 14Page - Exar Corporation XR79110ELTR-F Datasheet HTML 15Page - Exar Corporation XR79110ELTR-F Datasheet HTML 16Page - Exar Corporation XR79110ELTR-F Datasheet HTML 17Page - Exar Corporation XR79110ELTR-F Datasheet HTML 18Page - Exar Corporation XR79110ELTR-F Datasheet HTML 19Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
XR79110
15 / 19
exar.com/XR79110
Rev 2B
© 2015-2017 Exar Corporation
Application Circuit
 
CFF
DNP
RFF
DNP
470uF
PVIN
VCC
OPTIONAL
CVCC
4.7uF
PVIN
R4 10k
R3 38.3k
FB
U1
XR79110
SS
1
FB
3
PGOOD
2
AGND
4
SW
9
SW
10
SW
11
SW
12
AGND
5
VIN
6
VCC
7
SW PAD
PGND
8
SW
24
SW
25
SW
26
SW
27
SW
28
SW
29
VOUT
31
VOUT
32
VOUT
33
VOUT
34
VOUT
35
VOUT
36
VOUT
37
VOUT
38
VOUT
39
VOUT
40
VOUT
41
VOUT
42
VOUT
43
VOUT
44
VOUT
45
VOUT
46
VOUT
47
VOUT
48
VOUT
49
VOUT
50
VOUT PAD
SW
30
12VIN
500kHz, 10A @ 1.2VOUT
R1
2k
R2
2k
R5 10k
CVIN
0.1uF
2x10uF
RON
9.53k
FB
RLIM
2.74k
2x47uF
RSNB
1 Ohm
CSNB
0.56nF
VCC
CSS
47nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com