Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW204 Datasheet(PDF) 8 Page - Advanced Semiconductor Business Inc.

Part # ASW204
Description  MMIC Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW204 Datasheet(HTML) 8 Page - Advanced Semiconductor Business Inc.

Back Button ASW204 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASW204
5 ~ 8000 MHz MMIC Amplifier
0
500
1000
1500
2000
2500
3000
0
1
2
3
4
5
6
7
8
9
10
Frequency [MHz]
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
200
950
2150
2600
Magnitude S21 (dB)
21.0
20.0
17.3
16.6
Magnitude S11 (dB)
-20
-13
-18
-20
Magnitude S22 (dB)
-7.0
-8.0
-9.0
-9.0
Output P1dB (dBm)
22
21
21
20
Output IP31) (dBm)
29
33
32
31
Noise Figure (dB)
1.8
1.3
1.6
1.8
Device Voltage (V)
+5
+5
+5
+5
Current (mA)
55
55
55
55
SMATV(75
)
200 ~ 2600 MHz
+5 V
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
25
30
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
-25
-20
-15
-10
-5
0
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com