Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW204 Datasheet(PDF) 14 Page - Advanced Semiconductor Business Inc.

Part # ASW204
Description  MMIC Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW204 Datasheet(HTML) 14 Page - Advanced Semiconductor Business Inc.

Back Button ASW204 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 16Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14/16
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASW204
5 ~ 8000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
40
1200
2400
Magnitude S21 (dB)
19.3
17.0
16.2
Magnitude S11 (dB)
-9
-15
-16
Magnitude S22 (dB)
-8
-7
-11
Output P1dB (dBm)
21.5
23.0
22.5
Output IP31) (dBm)
27.0
33.5
33.0
Noise Figure (dB)
3.6
2.2
2.4
Device Voltage (V)
+5
+5
+5
Current (mA)
55
55
55
40 ~ 2400 MHz
+5 V
Vdevice=+5 V
L1=270 nH
ASW204
C1=1
F
RF IN
RF OUT
C2=1
F
C3=1
F
R1=680
C4=100 pF
C5=1
F
0
500
1000
1500
2000
2500
Frequency (MHz)
0
5
10
15
20
25
0
500
1000
1500
2000
2500
Frequency (MHz)
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
Frequency (MHz)
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
0
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com