Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW204 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASW204
Description  MMIC Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW204 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASW204 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASW204 Datasheet HTML 16Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASW204
5 ~ 8000 MHz MMIC Amplifier
RF IN
RF OUT
ASW204
Vsupply=+3.3 V
C1=56 pF
C2=56 pF
L1=33 nH
C4=1
F
C3=100 pF
L2=33 nH
R1=12 k
RF IN
RF OUT
ASW204
Vsupply=+3.3 V
C1=56 pF
C2=56 pF
L1=33 nH
C4=1
F
C3=100 pF
L2=33 nH
R1=12 k
1) OIP3 is measured with two tones at an output power of +3 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
900
2000
Magnitude S21 (dB)
18.5
16.3
Magnitude S11 (dB)
-11
-10
Magnitude S22 (dB)
-15
-11
Output P1dB (dBm)
17.5
18.0
Output IP31) (dBm)
27.5
28.0
Noise Figure (dB)
1.7
1.8
Device Voltage (V)
+3.3
+3.3
Current (mA)
35
35
Wide Band
500 ~ 2700 MHz
+3.3 V/ 35 mA
0
300
600
900
1200
1500
1800
2100
2400
2700
0
5
10
15
20
25
Frequency (MHz)
0
300
600
900
1200
1500
1800
2100
2400
2700
-20
-15
-10
-5
0
Frequency (MHz)
0
300
600
900
1200
1500
1800
2100
2400
2700
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency [MHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com