Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW216 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASW216
Description  MMIC Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW216 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASW216 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2014
ASW216
5 ~ 4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +5 dBm/tone(at 4.5V) / -5
dBm/tone(at 3V) separated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
900
2000
900
2000
Magnitude S21 (dB)
14.0
11.8
13.0
11.0
Magnitude S11 (dB)
-14
-14
-12
-10
Magnitude S22 (dB)
-15
-14
-15
-12
Output P1dB (dBm)
20
20
16
15
Output IP31) (dBm)
37.5
38.0
23.0
24.0
Noise Figure (dB)
2.2
2.4
2.2
2.4
Device Voltage (V)
+4.5
+3
Current (mA)
80
35
Wide Band
500 ~ 3500 MHz
+4.5 V / +3 V
Schematic
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
Vdevice=+4.5 V
L1=39 nH
C3=100 pF
ASW216
C1=100 pF
C4=1
F
RF IN
RF OUT
C2=100 pF
L2=39 nH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com