Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW216 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW216
Description  MMIC Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW216 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW216 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2014
ASW216
5 ~ 4000 MHz MMIC Amplifier
(Supply Voltage = +4.5 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
900
2000
Gain
dB
14.0
11.8
S11
dB
-14
-14
S22
dB
-15
-14
Output IP31)
dBm
37.5
38.0
Noise Figure
dB
2.2
2.4
Output P1dB
dBm
20
20
Current
mA
80
80
Device Voltage
V
+4.5
+4.5
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
900
Gain
dB
13
14
S11
dB
-14
S22
dB
-15
Output IP3
dBm
36.0
37.5
Noise Figure
dB
2.2
2.6
Output P1dB
dBm
19
20
Current
mA
70
80
110
Device Voltage
V
+4.5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)*
25 dBm
Thermal Resistance
83
C/W
Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Absolute Maximum Ratings
·14 dB Gain at 900 MHz
·20 dBm P1dB at 900 MHz
·37.5 dBm OIP3 at 900 MHz
·2.2 dB NF at 900 MHz
·MTTF > 100 Years
·Single Supply
The ASW216, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both re-
ceiver and transmitter of telecommunication systems
up to 4 GHz. The amplifier is available in a SOT89
package and passes through the stringent DC, RF,
and reliability tests.
Product Specifications
Typical Performance
ASW216
Package Style: SOT89
Application Circuit
·500 ~ 3500 MHz
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias


Similar Part No. - ASW216

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW216 ASB-ASW216 Datasheet
325Kb / 5P
5-4000 MHz MMIC Amplifier
February 2010
More results

Similar Description - ASW216

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
MMIC Amplifier
August, 2013
logo
RF Micro Devices
SBW5089Z RFMD-SBW5089Z Datasheet
657Kb / 7P
MMIC AMPLIFIER
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
MMIC Amplifier
April 2017
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
MMIC Amplifier
April 2017
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
MMIC Amplifier
April 20173
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
MMIC Amplifier
February 2017
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
MMIC AMPLIFIER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com