Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW216 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASW216
Description  MMIC Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW216 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASW216 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW216 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2014
ASW216
5 ~ 4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1 MHz.
Performance with varying VDEVICE
VDEVICE
(V)
Current
(mA)
Freq.
(MHz)
Gain
(dB)
S11
(dB)
S22
(dB)
OIP31)
(dBm)
P1dB
(dBm)
NF
(dB)
+4.50
81
900
14.1
-14.5
-18.0
37.9
20.6
2.05
2000
11.6
-13.9
-12.5
38.0
19.7
2.33
+4.20
66
900
14.0
-14.3
-18.1
36.0
19.7
2.12
2000
11.6
-13.7
-12.1
36.0
18.8
2.35
+3.75
49
900
13.8
-14.0
-18.1
31.9
17.8
2.17
2000
11.4
-13.4
-12.4
32.3
17.3
2.30
+3.20
35
900
13.4
-13.3
-17.7
26.0
15.8
2.24
2000
11.1
-12.9
-12.3
27.5
15.1
2.23



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com