Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2453CDGS Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV2453CDGS
Description  FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2453CDGS Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2453CDGS Datasheet HTML 5Page - Texas Instruments TLV2453CDGS Datasheet HTML 6Page - Texas Instruments TLV2453CDGS Datasheet HTML 7Page - Texas Instruments TLV2453CDGS Datasheet HTML 8Page - Texas Instruments TLV2453CDGS Datasheet HTML 9Page - Texas Instruments TLV2453CDGS Datasheet HTML 10Page - Texas Instruments TLV2453CDGS Datasheet HTML 11Page - Texas Instruments TLV2453CDGS Datasheet HTML 12Page - Texas Instruments TLV2453CDGS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
9
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Common-mode input voltage
1, 2
IIO
Input offset current
vs Common-mode input voltage
vs Free-air temperature
3, 4
7, 8
IIB
Input bias current
vs Common-mode input voltage
vs Free-air temperature
5, 6
7, 8
AVD
Differential voltage amplification
vs Frequency
9, 10
Phase
vs Frequency
9, 10
VOL
Low-level output voltage
vs Low-level output current
11, 13
VOH
High-level output voltage
vs High-level output current
12, 14
Zo
Output impedance
vs Frequency
15, 16
CMRR
Common-mode rejection ratio
vs Frequency
17
PSRR
Power supply rejection ratio
vs Frequency
18
IDD
Supply current
vs Supply voltage
19
IDD
Supply current
vs Free-air temperature
20
Vn
Equivalent input noise voltage
vs Frequency
21
THD + N
Total harmonic distortion plus noise
vs Frequency
22, 23
φm
Phase margin
vs Load capacitance
24
Gain-bandwidth product
vs Supply voltage
25
SR
Slew rate
vs Supply voltage
26
SR
Slew rate
vs Supply voltage
vs Free-air temperature
26
27
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
28
Crosstalk
vs Frequency
29, 30
Small-signal follower pulse response
vs Time
31, 33
Large-signal follower pulse response
vs Time
32, 34
Shutdown on supply current
vs Time
35
Shutdown off supply current
vs Time
36
Shutdown supply current
vs Free-air temperature
37
Shutdown supply current
vs Time
38 − 41
Shutdown pulse
vs Time
38 − 41
Shutdown off pulse response
vs Time
42, 43
Shutdown on pulse response
vs Time
44, 45
Shutdown reverse isolation
vs Frequency
46
Shutdown forward isolation
vs Frequency
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com