Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2453CDGS Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV2453CDGS
Description  FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2453CDGS Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2453CDGS Datasheet HTML 17Page - Texas Instruments TLV2453CDGS Datasheet HTML 18Page - Texas Instruments TLV2453CDGS Datasheet HTML 19Page - Texas Instruments TLV2453CDGS Datasheet HTML 20Page - Texas Instruments TLV2453CDGS Datasheet HTML 21Page - Texas Instruments TLV2453CDGS Datasheet HTML 22Page - Texas Instruments TLV2453CDGS Datasheet HTML 23Page - Texas Instruments TLV2453CDGS Datasheet HTML 24Page - Texas Instruments TLV2453CDGS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
21
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
−10
−20
SHUTDOWN OFF SUPPLY CURRENT
vs
TIME
50
80
t − Time −
µS
10
30
40
−10
0
20
20
0
10
5
0
−5
−10
−15
−20
40
60
70
10
30
50
Shutdown Control Signal
Supply Current − IDD
Figure 36
0.8
0.4
0.2
0
−55 −35
−15
5
25
45
65
1
1.4
SHUTDOWN SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
1.6
85
105
125
1.2
0.6
TA − Free-Air Temperature − °C
VDD = 3 V
Shutdown Mode
AV = 1
RL = Open
VI = VDD/2 V
VDD = 5 V
Figure 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com