Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2453CDGS Datasheet(PDF) 30 Page - Texas Instruments

Part # TLV2453CDGS
Description  FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2453CDGS Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLV2453CDGS Datasheet HTML 26Page - Texas Instruments TLV2453CDGS Datasheet HTML 27Page - Texas Instruments TLV2453CDGS Datasheet HTML 28Page - Texas Instruments TLV2453CDGS Datasheet HTML 29Page - Texas Instruments TLV2453CDGS Datasheet HTML 30Page - Texas Instruments TLV2453CDGS Datasheet HTML 31Page - Texas Instruments TLV2453CDGS Datasheet HTML 32Page - Texas Instruments TLV2453CDGS Datasheet HTML 33Page - Texas Instruments TLV2453CDGS Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
30
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
* AMP_TLV2450−X operational amplifier ”macromodel” subcircuit
* created using Parts release 8.0 on 10/12/98 at 11:06
* Parts is a MicroSim product.
*
* connections:
noninverting input
*
| inverting input
*
| | positive power supply
*
| | | negative power supply
*
| | | | output
*
| | | | |
.subckt AMP_TLV2450−X 1 2 3 4 5
*
C1
11
12
354.48E−15
C2
6
7
7.5000E−12
CEE
10
99
42.237E−15
DC
5
53
dy
DE
54
5
dy
DLP
90
91
dx
DLN
92
90
dx
DP
4
3
dx
EGND
99
0
poly(2) (3,0) (4,0) 0 .5 .5
FB
7
99
poly(5) vb vc ve vlp vln 0
+ 207.31E6 −1E3 1E3 210E6 −210E6
GA
6
0
11
12 15.254E−6
GCM
0
6
10
99 48.237E−12
IEE
10
4
dc
938.61E−9
HLIM
90
0
vlim 1K
Q1
11
2
13 qx1
Q2
12
1
14 qx2
R2
6
9
100.00E3
RC1
3
11
65.557E3
RC2
3
12
65.557E3
RE1
13
10
10.367E3
RE2
14
10
10.367E3
REE
10
99
213.08E6
RO1
8
5
10
RO2
7
99
10
RP
3
4
147.06
VB
9
0
dc 0
VC
3
53
dc .82
VE
54
4
dc .82
VLIM
7
8
dc 0
VLP
91
0
dc 38
VLN
0
92
dc 38
.model
dx
D(Is=800.00E−18)
.model
dy
D(Is=800.00E−18 Rs=1m Cjo=10p)
.model
qx1
NPN(Is=800.00E−18 Bf=843.08)
.model
qx2
NPN(Is=800.0000E−18 Bf=843.08)
.ends
13
rp
IN+
rc1
rc2
ree
egnd
fb
ro2
ro1
vlim
OUT
ga
ioff
gcm
vb
c1
dc
iee
re2
re1
dp
GND
VDD+
IN−
q1
q2
cee
c2
ve
de
dlp
dln
vln
hlim
vlp
14
10
4
2
1
11
12
3
53
54
96
8
5
7
91
90
92
vc
99
+
+
+
+
+
+
+
−
−
−
−
−
−
−
−
+
r2
Figure 54. Boyle Macromodel and Subcircuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com