Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8351 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S8351
Description  STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8351 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S8351 Datasheet HTML 17Page - Seiko Instruments Inc S8351 Datasheet HTML 18Page - Seiko Instruments Inc S8351 Datasheet HTML 19Page - Seiko Instruments Inc S8351 Datasheet HTML 20Page - Seiko Instruments Inc S8351 Datasheet HTML 21Page - Seiko Instruments Inc S8351 Datasheet HTML 22Page - Seiko Instruments Inc S8351 Datasheet HTML 23Page - Seiko Instruments Inc S8351 Datasheet HTML 24Page - Seiko Instruments Inc S8351 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8351/8352 Series
21
3. Capacitor (CIN, CL)
A capacitor on the input side (CIN) improves the efficiency by reducing the power impedance and stabilizing the input
current. Select a CIN value according to the impedance of the power supply used.
A capacitor on the output side (CL) is used for smoothing the output voltage. For step-up types, the output voltage
flows intermittently to the load current, so step-up types need a larger capacitance than step-down types. Therefore,
select an appropriate capacitor in accordance with the ripple voltage, which increases in case of a higher output
voltage or a higher load current. The capacitor value should be 10
μF or more.
A capacitor at the output side (CL) is used for smoothing the ripple voltage. Select an appropriate capacitor with a
small equivalent series resistance (RESR) and a large capacitance. The capacitor value should be 10
μF or mpre. A
tantalum electrolytic capacitor and an organic semiconductor capacitor are especially recommended because of their
superior low-temperature and leakage current characteristics.
4. External Transistor (S-8352 Series)
For the S-8352 Series, connecting an external transistor increases the output current. An enhancement (N-channel)
MOS FET type or a bipolar (NPN) type can be used as the external transistor.
4. 1 Enhancement (N-channel) MOS FET Type
Figure 19
is a circuit example using a MOS FET transistor (N-channel).
VOUT
EXT
VOUT
+
−
OFF
/
ON
*1
VSS
+
−
*1.
For A type.
Figure 19 Circuit Example Using MOS FET (N-channel) Type
An N-channel power MOS FET should be used for the MOS FET. In particular, the EXT pin can drive a MOS
FET with a gate capacitance of around 1000 pF. Because the gate voltage and current of the external power
MOS FET are supplied from the stepped-up output voltage (VOUT), the MOS FET is driven more effectively.
A large current may flow during startup, depending on the MOS FET selection. The S-8352 Series does not
feature overcurrent protection for the external MOS FET, so perform sufficient evaluation using the actual devices.
Also recommend to use a MOS FET with an input capacitance of 700 pF or less.
Since the ON-resistance of the MOS FET might depend on the difference between the output voltage (VOUT) and
the threshold voltage of the MOS FET, and affect the output current as well as the efficiency, the threshold voltage
should be low. When the output voltage is as low as 2.0 V, like in the S-8352A20, the circuit operates only
when the MOS FET has a threshold voltage lower than the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com