Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8351 Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S8351
Description  STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8351 Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S8351 Datasheet HTML 29Page - Seiko Instruments Inc S8351 Datasheet HTML 30Page - Seiko Instruments Inc S8351 Datasheet HTML 31Page - Seiko Instruments Inc S8351 Datasheet HTML 32Page - Seiko Instruments Inc S8351 Datasheet HTML 33Page - Seiko Instruments Inc S8351 Datasheet HTML 34Page - Seiko Instruments Inc S8351 Datasheet HTML 35Page - Seiko Instruments Inc S8351 Datasheet HTML 36Page - Seiko Instruments Inc S8351 Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8351/8352 Series
33
S-8352A30MC
VIN = 1.2
→ 1.8 V
S-8352A30MC
VIN = 1.8
→ 1.2 V
t [0.1 ms / div]
Output voltage
[0.1 V / div]
1.2 V
1.8 V
3 V
Input voltage
[0.5 V /div]
t [0.1 ms / div]
Input voltage
[0.5 V / div]
Output voltage
[0.1 V / div]
1.8 V
1.2 V
3 V
S-8352A50MC
VIN = 2
→ 3 V
S-8352A50MC
VIN = 3
→ 2 V
t [0.1 ms / div]
Output voltage
[0.1 V / div]
2 V
3 V
5 V
Input voltage
[0.5 V /div]
t [0.1 ms / div]
Input voltage
[0.5 V / div]
Output voltage
[0.1 V / div]
3 V
2 V
5 V
(3) Load Current Fluctuation (Ta = 25
°C)
S-8351A30MC
VIN = 1.8 V, IOUT = 10
μA → 12 mA
S-8351A30MC
VIN = 1.8 V, IOUT = 12 mA
→ 10 μA
t [0.1 ms / div]
Output current
Output voltage
[0.1 V / div]
3 V
IOUT = 12 mA
t [0.1 ms / div]
Output current
Output voltage
[0.1 V / div]
3 V
IOUT = 10
μA
S-8351A50MC
VIN = 3 V, IOUT = 10
μA → 20 mA
S-8351A50MC
VIN = 3 V, IOUT = 20 mA
→ 10 μA
t [0.1 ms / div]
5 V
Output current
Output voltage
[0.1 V / div]
IOUT = 20 mA
t [0.1 ms / div]
5 V
Output current
Output voltage
[0.1 V / div]
IOUT = 10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com